Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02067G-13 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M02067G-13
Description  3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067G-13 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02067G-13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
1.3
DC Characteristics
Table 1-3.
DC Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Supply current
Excluding IBIAS and IMOD but with
IBIAS and IMOD set to maximum
-52
64
mA
Bias current adjust range
Limited by IREF across temperature
range
4
-
100
mA
Bias current with output disabled
Tx-Dis = HIGH
-
-
300
µA
Maximum bias current limit
TA = +85 °C (adjustable)
100(1)
--
mA
Monitor diode reverse bias voltage
2
-
-
V
Monitor diode current adjustment range
40
-
1000
µA
TTL/CMOS input HIGH voltage (enable/
disable)
2.0
-
-
V
TTL/CMOS input LOW voltage (enable/
disable)
--
0.8
V
CMOS output HIGH voltage (Fail,OCA)
2.4
-
-
V
CMOS output LOW voltage (Fail,OCA)
-
-
0.4
V
Differential input impedance
Data and clock inputs
2.5
-
-
k
Ω
Common-mode input voltage‘
VCC -1.38
-
VCC - VIN(Diff)
4
V
Self-biased common mode input voltage
Data and clock inputs
VCC -1.38
-
VCC -0.47
V
Ratio of bias monitoring current, and
bias current
55
Ratio of modulation monitoring current,
and modulation current
55
Tx_Disable negate time (2)
CMPC = 3.8 nF
.5
1
ms
Tx_Disable assert time (3)
1µs
Modulation Off Current (4)
Measured at pin OUT-,
temperature at 75 °C
300
µA
VCC = +3.3V ±10%, TA = -40 °C to +85 °C, unless otherwise noted
Notes:
(1)Condition when pin 19 OCASET is connected to ground.
(2)Time for optical power to reach 90% of its mean level following negation of Tx_Disable.
(3)Time for optical power to reach 10% of its mean level following assertion of Tx_Disable.
(4)Data input voltage (Vpin21 – Vpin22) > 300 mV, ENA (pin 1) connected to VCC, DIS (pin 2) connected to ground. RMODSET = 5.5 kΩ,
resistance to ground at GNDA = 0.35
Ω.


Similar Part No. - M02067G-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02067G-13 MA-COM-M02067G-13 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
More results

Similar Description - M02067G-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com