Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02069-EVM Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # M02069-EVM
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069-EVM Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
M02069-12
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
8
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Rev V2
t_onBM
DIS negate (turn-on) time during burst-
mode operation
Using integrated switch at SVCC (3.3V operation)
(4)
300
500
ns
t_offBM
DIS assert (turn-off) time during burst-
mode operation
Using integrated switch at SVCC (3.3V
operation)(4)
200
500
ns
Notes:
1. With CAPC = 2.2nF
2. User-adjustable. Specifications reflect timing with no external RESET capacitor.
3. With < 1nF capacitor from RESET pin to ground.
4. Imod > 12mA
Figure 1-1.
Safety Logic Timing Characteristics
Table 1-5.
Safety Logic Timing
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units.
Hot Plug (DIS Low)
V
CC3
and
V
CC5
status
FAIL
DIS
LASER
OUTPUT
(low)
(low)
V
CC3 and VCC5
“OK”
t_on < 1ms,
(300 us typ.)
Slow Rise on Vcc=3.3V at Power-up (DIS Low)
V
CC3
FAIL
DIS
LASER
OUTPUT
(low)
(low)
3.3V
t_on < 1ms,
(300 us typ.)
V
CC
3.3V
FAIL state at power-up will
depend on pull-up voltage


Similar Part No. - M02069-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02069-EVM MA-COM-M02069-EVM Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
More results

Similar Description - M02069-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com