Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBS-1DSGT1506NE Datasheet(PDF) 3 Page - SICK AG

Part # TBS-1DSGT1506NE
Description  TEMPERATURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

TBS-1DSGT1506NE Datasheet(HTML) 3 Page - SICK AG

  TBS-1DSGT1506NE Datasheet HTML 1Page - SICK AG TBS-1DSGT1506NE Datasheet HTML 2Page - SICK AG TBS-1DSGT1506NE Datasheet HTML 3Page - SICK AG TBS-1DSGT1506NE Datasheet HTML 4Page - SICK AG TBS-1DSGT1506NE Datasheet HTML 5Page - SICK AG TBS-1DSGT1506NE Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TBS-1DSGT1506NE | TBS
TEMPERATURE SENSORS
Response time t90
≤ 10 s 2)
1) |t| is the absolute value of the temperature in °C.
2) Depending on sensor configuration, according to IEC 60751.
Mechanics/electronics
Process connection
Thread G ½ A according to DIN 3852-E
Insertion length/diameter of probe
150 mm / 6 mm
Seal
NBR
Wetted parts
Stainless steel 1.4571 (AISI 316Ti)
Maximum process pressure
≤ 150 bar 1)
Housing material
Lower body: stainless steel 1.4301 (AISI 304)
Plastic head: PC + ABS
Input keypad: TPE-E
Display window: PC
Enclosure rating
IP65 (according to IEC 60529) 2)
IP67 (according to IEC 60529) 2)
Electrical connection
Round connector M12 x 1, 5-pin
Maximum ohmic load RA
≤ 100 kΩ (Switching outputs)
< 0.5 kΩ (output signal 4 mA ... 20 mA)
Supply voltage
15 V DC ... 35 V DC
Maximum current consumption
70 mA
Total current consumption
570 mA (incl. switching current)
320 mA
Protection class
III
Insolation voltage
500 V DC
Overvoltage protection
40 V DC
Short-circuit protection
Outputs QA, Q1, Q2 towards M
Reverse polarity protection
L+ towards M
Electrical safety
Protection class III
Insolation voltage 500 V DC
Overvoltage protection 40 V DC
Short-circuit protection Outputs QA, Q1, Q2 towards M
Reverse polarity protection L+ towards M
CE-conformity
2004/108/EC, EN 61326-1 emission (group 1, class B) and interference immunity (industrial
application)
RoHS certificate
1) At room temperature and when connected through thread.
2) The enclosure rating classes specified only apply while the thermometer is connected with female connectors that provide the corresponding enclosure rating.
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage and transport temperature
–20 °C ... +80 °C
Relative humidity
45 % ... 75 %
2017-03-14 16:25:09 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - TBS-1DSGT1506NE

ManufacturerPart #DatasheetDescription
logo
SICK AG
TBS-1DSGT1006NE SICK-TBS-1DSGT1006NE Datasheet
243Kb / 6P
   TEMPERATURE SENSORS
More results

Similar Description - TBS-1DSGT1506NE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com