Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1082396 Datasheet(PDF) 4 Page - SICK AG

Part # 1082396
Description  IMAGE-BASED CODE READERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1082396 Datasheet(HTML) 4 Page - SICK AG

  1082396 Datasheet HTML 1Page - SICK AG 1082396 Datasheet HTML 2Page - SICK AG 1082396 Datasheet HTML 3Page - SICK AG 1082396 Datasheet HTML 4Page - SICK AG 1082396 Datasheet HTML 5Page - SICK AG 1082396 Datasheet HTML 6Page - SICK AG 1082396 Datasheet HTML 7Page - SICK AG 1082396 Datasheet HTML 8Page - SICK AG 1082396 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D632D-MXCXB0 Flex OCR DPM | Lector63x
IMAGE-BASED CODE READERS
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-2 (2005-08) / EN 61000-6-4 (2007-01) + A1 (2011)
Vibration resistance
EN 60068-2-6 (2008-02)
Shock resistance
EN 60068-2-27 (2009-05)
Ambient operating temperature
0 °C ... +50 °C
Storage temperature
–20 °C ... +70 °C
Permissible relative humidity
90 %, Non-condensing
Classifications
ECl@ss 5.0
27280103
ECl@ss 5.1.4
27280103
ECl@ss 6.0
27280103
ECl@ss 6.2
27280103
ECl@ss 7.0
27280103
ECl@ss 8.0
27280103
ECl@ss 8.1
27280103
ECl@ss 9.0
27280103
ETIM 5.0
EC002550
ETIM 6.0
EC002550
UNSPSC 16.0901
43211701
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-04-07 16:36:27
Subject to change without notice


Similar Part No. - 1082396

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1082391 PHOENIX-1082391 Datasheet
244Kb / 8P
   Distribution block - PTFIX 6X10/S GN
logo
SICK AG
1082394 SICK-1082394 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
1082395 SICK-1082395 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
logo
PHOENIX CONTACT
1082395 PHOENIX-1082395 Datasheet
257Kb / 8P
   Distribution block - PTFIX 6X10/S BK
logo
SICK AG
1082397 SICK-1082397 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
More results

Similar Description - 1082396

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com