Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7291AF Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA7291AF
Description  Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291AF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA7291AF Datasheet HTML 5Page - Toshiba Semiconductor TA7291AF Datasheet HTML 6Page - Toshiba Semiconductor TA7291AF Datasheet HTML 7Page - Toshiba Semiconductor TA7291AF Datasheet HTML 8Page - Toshiba Semiconductor TA7291AF Datasheet HTML 9Page - Toshiba Semiconductor TA7291AF Datasheet HTML 10Page - Toshiba Semiconductor TA7291AF Datasheet HTML 11Page - Toshiba Semiconductor TA7291AF Datasheet HTML 12Page - Toshiba Semiconductor TA7291AF Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TA7291AP/AS(J)/AF
2003-02-14
9
Notes
·
Power On/Off
At power on, VCC must be applied simultaneously or before VS. At power off, VCC must be removed
simultaneously or after VS.
·
Input Circuit
A logic high on the VIN pin activates the input
circuit as shown in the figure.
When a voltage greater than or equal to VIN (high)
is applied to the pin, the circuit is active. When a
voltage less than or equal to VIN (low) is applied to
the pin or the pin is grounded, the circuit is
inactive.
When the pin is high, the input current IIN flows
into the input circuit. So, be careful about the
output impedance of the first stage.
The input hysteresis is 0.7 V (typ.). At power on
(VCC), set both input pins IN1 and IN2 to low.
·
Output Circuit
Output high voltage
· Operation based on the Vref voltage
The Vref voltage is increased by twice the value
of VBE (small signal) in the Vref circuit. Then,
the voltage is applied to the base A of Q2 (power
transistor 2). As a result, the voltage which is
reduced by the value of VBE (Q2) appears on the
VOUT pin.
VOUT = Vref + 2VBE-VBE (Q2) ~- Vref + 0.7 V
· Vref pin
The Vref pin must not be left open when unused.
In this case, connect it via a protection resistor
(3 kW or more) to the VS pin. Otherwise, it
might cause oscillation.
Vref must be £ VS.
Protection Features
Overcurrent Protection Circuit
The overcurrent protection circuit detects a current flowing through the upper power transistor. If the
current exceeds a predetermined value (about 2.5 A), the circuit turns all the power transistors off.
However, it does not always prevent overcurrent. If an output pin is shorted or grounded, the IC might be
destroyed before operation of the overcurrent protection circuit. So, be sure to connect a resistor or fuse to
the power supply (VS) line. (See “Application Circuit.”)
Thermal Shutdown Circuit
If the chip temperature exceeds a predetermined limit (about 170°C), the thermal shutdown circuit turns
all the power transistors off.
or
VIN
6/1/9
5/9/7
1 k
W
1/5/1
VIN
5 k
W
VCC standby
TA7291AP/TA7291AS (J)/TA7291AF
or
A
1/5/1
VOUT
Q1
10/3/13
2/7/4
4/8/5
8/6/15
Vref
Vref
circuit
Q2
TA7291AP/TA7291AS (J)/TA7291AF


Similar Part No. - TA7291AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7291F TOSHIBA-TA7291F Datasheet
441Kb / 13P
   BRIDGE DRIVER
TA7291F TOSHIBA-TA7291F Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291F/FG TOSHIBA-TA7291F/FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291FG TOSHIBA-TA7291FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291P TOSHIBA-TA7291P Datasheet
441Kb / 13P
   BRIDGE DRIVER
More results

Similar Description - TA7291AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com