Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7PA34FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7PA34FU
Description  Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA34FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7PA34FU Datasheet HTML 1Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 2Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 3Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 4Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 5Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 6Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 7Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7PA34FU
2002-08-21
4
DC Characteristics (Ta
==== ----40~~~~85°°°°C, 1.8 V <<<<==== VCC < 2.3 V)
AC Electrical Characteristics (Ta
==== ----40~~~~85°°°°C, input tr ==== tf ==== 2.0 ns, CL ==== 30 pF, RL ==== 500 W
W
W
W)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
8.4
2.5
± 0.2
0.8
4.2
Propagation delay time
tpLH
tpHL
(Figure 1 and 2)
3.3
± 0.3
0.6
3.5
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
¾
1.8~2.3
0.7
´
VCC
¾
Low-Level Input Voltage
VIL
¾
1.8~2.3
¾
0.2
´
VCC
V
IOH = -100 mA
1.8
VCC
- 0.2
¾
High-Level Output Voltage
VOH
VIN = VIH
IOH = -6 mA
1.8
1.4
¾
V
IOL = 100 mA
1.8
¾
0.2
Low-Level Output Voltage
VOL
VIN = VIL
IOL = 6 mA
1.8
¾
0.3
V
Input Leakage Current
IIN
VIN = 0~3.6 V
1.8
¾
±5.0
mA
Power-off Leakage Current
IOFF
VIN, VOUT = 0~3.6 V
0
¾
10.0
mA
VIN = VCC or GND
1.8
¾
20.0
Quiescent Supply Current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
¾
±20.0
mA


Similar Part No. - TC7PA34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
More results

Similar Description - TC7PA34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7PAU04FU TOSHIBA-TC7PAU04FU Datasheet
152Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7PAU04FU TOSHIBA-TC7PAU04FU_07 Datasheet
195Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7SH34FS TOSHIBA-TC7SH34FS Datasheet
168Kb / 6P
   NON-INVERT BUFFER
TC7SH34FE TOSHIBA-TC7SH34FE Datasheet
148Kb / 5P
   NON-INVERT BUFFER
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34_15 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7SET34F TOSHIBA-TC7SET34F Datasheet
174Kb / 5P
   Non-Invert Buffer
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7W34FU TOSHIBA-TC7W34FU Datasheet
187Kb / 6P
   TRIPLE NON-INVERT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com