Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME271YA4100MR30 Datasheet(PDF) 10 Page - Kemet Corporation

Part # PME271YA4100MR30
Description  PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271YA4100MR30 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button PME271YA4100MR30 Datasheet HTML 6Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 7Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 8Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 9Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 10Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 11Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 12Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 13Page - Kemet Corporation PME271YA4100MR30 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3017_PME271YA_Y2_300 • 5/19/2016 10
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271Y A–E Series Metallized Impregnated Paper, Class Y2, 300 VAC
Packaging Quantities
Lead Spacing
(mm)
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short Leads
Bulk
Long Leads
Standard Reel
ø 360 mm
Large Reel
ø 500 mm
Ammo
Formed
10.2
3.9
7.5
13.5
2000
1000
700
1400
800
4.1
8.2
13.5
2000
1000
600
780
5.1
10.5
13.5
1600
800
600
1200
630
15.2
5.5
12.5
18
1000
500
600
6.5
12.5
18
600
400
400
7.5
14.5
18
600
400
400
8.5
16
18
400
250
400
5.2
10.5
18.5
1000
500
600
5.5
11
18.5
1000
500
500
6
12.5
18.5
600
400
400
7.3
13
18.5
600
400
400
800
7.8
13.5
18.5
600
400
400
8.5
14.3
18.5
500
300
350
20.3
7.6
14
24
1500
250
250
500
8.4
14
24
1200
200
250
500
9
15
24
1500
200
250
11.3
16.5
24
1000
150
180
400
22.5
8
17
27
1200
200
10
19
27
1000
150
200
12
22
27
800
100
180
350
25.4
10.6
16.1
30.5
1000
150
10.5
17.3
30.5
1000
100
12.1
19
30.5
800
100
15.3
22
30.5
600
75


Similar Part No. - PME271YA4100MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271YA4100MR30 ETC1-PME271YA4100MR30 Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271YA4100MR30 KEMET-PME271YA4100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 1000 pF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=10.2 mm
PME271YA4100MR30 KEMET-PME271YA4100MR30 Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
More results

Similar Description - PME271YA4100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com