Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P409CM473M250AH470 Datasheet(PDF) 7 Page - Kemet Corporation

Part # P409CM473M250AH470
Description  PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P409CM473M250AH470 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button P409CM473M250AH470 Datasheet HTML 3Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 4Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 5Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 6Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 7Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 8Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 9Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 10Page - Kemet Corporation P409CM473M250AH470 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3025_PMR209 • 5/15/2015
7
Film Capacitors
AC Line EMI Suppression and RC Networks – PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
Soldering Process cont'd
Wave Soldering Recommendations cont'd
1. The table indicates the maximum set-up temperature of the soldering process
Figure 1
Dielectric
Film Material
Maximum Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤10mm
Capacitor
Pitch
= 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤15mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
130°C
270°C
270°C
Polypropylene
100°C
110°C
130°C
260°C
270°C
Paper
130°C
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor:
Set the temperature so that inside the element the maximum temperature is below the limit:
Dielectric Film Material
Maximum temperature
measured inside the element
Polyester
160°C
Polypropylene
110°C
Paper
160°C
Polyphenylene
sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-holecomponentstobe
solderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouchingthesolder.Whentheboardis
over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected
components, and pressed against the lower surface of the board to solder the components.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,however, instead
of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of overheating is greater than
indoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.


Similar Part No. - P409CM473M250AH470

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P409CE104M275AH220 KEMET-P409CE104M275AH220 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CE104M275AH330 KEMET-P409CE104M275AH330 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP104M275AH151 KEMET-P409CP104M275AH151 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP104M275AH221 KEMET-P409CP104M275AH221 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP104M275AH331 KEMET-P409CP104M275AH331 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
More results

Similar Description - P409CM473M250AH470

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com