Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR209ME6470M033R30 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PMR209ME6470M033R30
Description  RC unit, class X2, metallized paper with integrated resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PMR209ME6470M033R30 Datasheet(HTML) 2 Page - Kemet Corporation

  PMR209ME6470M033R30 Datasheet HTML 1Page - Kemet Corporation PMR209ME6470M033R30 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
Evox Rifa Leaded Film Capacitors
Pmr209
oRdERing inFoRmation
maRKing
• RIFA
• RIFA article code
• RC unit
• Rated capacitance and resistance
• Rated voltage
• X2
• SH, for self-healing
• Climatic category according to
IEC 60068-1, appendix A
• Passive flammability class
• Circuit diagram
• Manufacturing code (year, month)
appRoVaLs
certification Body
specification
ENEC
EN/IEC 60384-14:2005
UL
UL 1283
Quantity per package
capaci-
resis- max dimensions in mm
reel
weight
article code
tance
tance
r30
r06
taped
µf
B
h
l
p
pcs
pcs
pcs
g
aRtiCLE taBLE
0.047
47
7.3
13.0
18.5
15.2
400
800
400
3.0
PMR209MB5470M047R30
0.047
100
7.3
13.0
18.5
15.2
400
800
400
3.0
PMR209MB5470M100R30
0.10
22
7.6
14.0
24.0
20.3
250
1500
250
4.0
PMR209MC6100M022R30
0.10
33
7.6
14.0
24.0
20.3
250
1500
250
4.0
PMR209MC6100M033R30
0.10
47
7.6
14.0
24.0
20.3
250
1500
250
4.0
PMR209MC6100M047R30
0.10
68
7.6
14.0
24.0
20.3
250
1500
250
4.0
PMR209MC6100M068R30
0.10
100
7.6
14.0
24.0
20.3
250
1500
250
4.0
PMR209MC6100M100R30
0.10
150
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6100M150R30
0.10
220
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6100M220R30
0.10
330
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6100M330R30
0.10
470
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6100M470R30
0.22
22
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6220M022R30
0.22
33
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6220M033R30
0.22
47
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6220M047R30
0.22
68
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6220M068R30
0.22
100
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6220M100R30
0.22
150
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6220M150R30
0.22
220
11.3
16.5
24.0
20.3
150
1500
180
7.0
PMR209MC6220M220R30
0.22
330
12.1
19.0
30.5
25.4
100
800
10.0
PMR209ME6220M330R30
0.22
470
15.3
22.0
30.5
25.4
75
600
15.0
PMR209ME6220M470R30
0.47
33
15.3
22.0
30.5
25.4
75
600
15.0
PMR209ME6470M033R30
0.47
47
15.3
22.0
30.5
25.4
75
600
15.0
PMR209ME6470M047R30
0.47
68
15.3
22.0
30.5
25.4
75
600
15.0
PMR209ME6470M068R30
0.47
100
15.3
22.0
30.5
25.4
75
600
15.0
PMR209ME6470M100R30
0.47
150
15.3
22.0
30.5
25.4
75
600
15.0
PMR209ME6470M150R30
0.47
220
15.3
22.0
30.5
25.4
75
600
15.0
PMR209ME6470M220R30
The article code for the standard part is given in the article table.
For other options, see page 11.


Similar Part No. - PMR209ME6470M033R30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMR209ME6470M033R30 ETC1-PMR209ME6470M033R30 Datasheet
43Kb / 2P
   RC unit, class X2, metallized paper with integrated resistor
More results

Similar Description - PMR209ME6470M033R30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMR209 ETC1-PMR209 Datasheet
43Kb / 2P
   RC unit, class X2, metallized paper with integrated resistor
PMR210 ETC-PMR210 Datasheet
48Kb / 2P
   RC unit, class X1, metallized paper with integrated resistor
PMR205 ETC-PMR205 Datasheet
42Kb / 2P
   RC unit, metallized paper with integrated resistor
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
logo
List of Unclassifed Man...
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com