Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495D107K016ATE100 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495D107K016ATE100
Description  Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495D107K016ATE100 Datasheet(HTML) 1 Page - Kemet Corporation

  T495D107K016ATE100 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 5583b615-51e8-4ce3-b519-ae34895c3324
KEMET Part Number: T495D107K016ATE100
(B45016D1079K107)
Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 446.84 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T495
Description: SMD, MnO2, Molded, Low ESR
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 100 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC (85C), 10.72 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 8%
Failure Rate: N/A
Resistance: 100 mOhms (100kHz)
Current:
1225 mAmps (25C), 1102.5
mAmps (85C), 490 mAmps
(125C)
Leakage: 16 uAmps
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T495D107K016ATE100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495D107K016ATE125 KEMET-T495D107K016ATE125 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
T495D107K016ATE150 KEMET-T495D107K016ATE150 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 3.1mm
More results

Similar Description - T495D107K016ATE100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495D107K010ATE100 KEMET-T495D107K010ATE100_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 3.1mm
T495D107K016AHE125 KEMET-T495D107K016AHE125 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
T495D107K016ATE150 KEMET-T495D107K016ATE150 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 3.1mm
T495D107K016ATE125 KEMET-T495D107K016ATE125 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
T495X107M016ATE100 KEMET-T495X107M016ATE100 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 4.3mm
T495X227K016ATE100 KEMET-T495X227K016ATE100 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 4.3mm
T495D337K010ATE100 KEMET-T495D337K010ATE100 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, Height Max = 3.1mm
T495D107K010ATE050 KEMET-T495D107K010ATE050 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 50 mOhms, Height Max = 3.1mm
T495D227K010ATE100 KEMET-T495D227K010ATE100 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, Height Max = 3.1mm
T495D227K010ATE125 KEMET-T495D227K010ATE125 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com