Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62S011AFM Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TD62S011AFM
Description  1-Channel Sink-Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62S011AFM Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TD62S011AFM Datasheet HTML 1Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 2Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 3Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 4Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 5Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 6Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 7Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TD62S011AFM
2001-12-05
5
9. tON, tOFF
Note 6: Pulse width 50
ms, Duty cycle 10%
Output impedance 50
W, tr <= 5 ns, tf <= 10 ns
Note 7: CL includes probe and jig capacitance.
Caution on Application
1. The device does not include protectors such as an overcurrent protector and an overvoltage protector.
Applying excessive current or voltage may damage the device.
Thus, design with great care to prevent excessive current or voltage from being applied to the device.
The device may also be damaged by short-circuits between outputs and power supply/ground.
Take care when designing output, VCC and GND line.
2. Be sure to mount the device in the correct orientation. Make sure that the positive and negative
power supply pins are connected the right way round. Otherwise, the absolute maximum current
and power dissipation ratings may be exceeded and the device may break down or undergo
performance degradation, causing it to catch fire or explode, and resulting in injury.
Pulse
generator
INPUT
CL = 15 pF
(Note 7)
(Note 6)
VCC OPEN VOUT
OUTPUT
90%
90%
90%
10%
10%
50%
50%
tON
tOFF
tf
tr
5 V
0
VOH
VOL
50
ms
10%
OUTPUT
INPUT


Similar Part No. - TD62S011AFM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62S050AFM TOSHIBA-TD62S050AFM Datasheet
118Kb / 5P
   TD62S050AFM
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TD62S011AFM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Global Mixed-mode Techn...
G2020 GMT-G2020 Datasheet
93Kb / 1P
   1-Channel High Current Motor Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
BCD Semiconductor Manuf...
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
   5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com