Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-80CNQAPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-80CNQAPBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80CNQAPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-80CNQAPBF Datasheet HTML 1Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 2Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 3Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 4Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 5Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 6Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 7Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 8Page - Vishay Siliconix VS-80CNQAPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94255
4
Revision: 16-Apr-10
VS-80CNQ...A PbF Series
Vishay High Power Products
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 40 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
80
100
120
140
160
IF(AV) - Average Forward Current (A)
30
10
20
40
50
60
0
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
5
15
25
20
10
30
IF(AV) - Average Forward Current (A)
10
20
60
30
40
50
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
10 000
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - VS-80CNQAPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80CNQ035APBF VISHAY-VS-80CNQ035APBF Datasheet
164Kb / 9P
   High Performance Schottky Rectifier, New Generation 3, D-61 Package, 2 x 40 A
Revision: 09-Dec-14
VS-80CNQ035ASLPBF VISHAY-VS-80CNQ035ASLPBF Datasheet
164Kb / 9P
   High Performance Schottky Rectifier, New Generation 3, D-61 Package, 2 x 40 A
Revision: 09-Dec-14
VS-80CNQ035ASMPBF VISHAY-VS-80CNQ035ASMPBF Datasheet
164Kb / 9P
   High Performance Schottky Rectifier, New Generation 3, D-61 Package, 2 x 40 A
Revision: 09-Dec-14
VS-80CNQ035PBF VISHAY-VS-80CNQ035PBF Datasheet
158Kb / 10P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-80CNQ035PBF VISHAY-VS-80CNQ035PBF Datasheet
164Kb / 9P
   High Performance Schottky Rectifier, New Generation 3, D-61 Package, 2 x 40 A
Revision: 09-Dec-14
More results

Similar Description - VS-80CNQAPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
81CNQ035APBF VISHAY-81CNQ035APBF_10 Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com