Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-07W47NJV4T Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part # L-07W47NJV4T
Description  RF WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-07W47NJV4T Datasheet(HTML) 4 Page - Johanson Technology Inc.

  L-07W47NJV4T Datasheet HTML 1Page - Johanson Technology Inc. L-07W47NJV4T Datasheet HTML 2Page - Johanson Technology Inc. L-07W47NJV4T Datasheet HTML 3Page - Johanson Technology Inc. L-07W47NJV4T Datasheet HTML 4Page - Johanson Technology Inc. L-07W47NJV4T Datasheet HTML 5Page - Johanson Technology Inc. L-07W47NJV4T Datasheet HTML 6Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
25
www.johansontechnology.com
0402 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS
Part Number
(Standard Tol.)
Inductance
@ 250MHz
Availiable Tolerances
@ 250MHz
Q (min.)
@ 250MHz
Q (Typ.)
@ 900MHz
Q (Typ.)
@ 1.8GHz
SRF
(min.)
DC Resistance
(max.)
Rated Current
(max.)
L-07W1N0SV4T
1.0 nH
±0.2 nH, ±0.3 nH
13
49
60
6.0 GHz
0.045
1360 mA
L-07W1N2SV4T
1.2 nH
±0.2 nH, ±0.3 nH
13
49
60
6.0 GHz
0.060
1300 mA
L-07W1N8SV4T
1.8 nH
±0.2 nH, ±0.3 nH
16
50
60
6.0 GHz
0.070
1040 mA
L-07W1N9SV4T
1.9 nH
±0.2 nH, ±0.3 nH
16
50
60
6.0 GHz
0.070
1040 mA
L-07W2N0SV4T
2.0 nH
±0.2 nH, ±0.3 nH
16
51
62
6.0 GHz
0.070
1040 mA
L-07W2N2SV4T
2.2 nH
±0.2 nH, ±0.3 nH
18
52
65
6.0 GHz
0.070
960 mA
L-07W2N4SV4T
2.4 nH
±0.2 nH, ±0.3 nH
15
52
65
6.0 GHz
0.068
790 mA
L-07W2N7SV4T
2.7 nH
±0.2 nH, ±0.3 nH
16
50
65
6.0 GHz
0.120
640 mA
L-07W3N3JV4T
3.3 nH
±0.2 nH, ±5%, ±10%
19
53
72
6.0 GHz
0.066
840 mA
L-07W3N6JV4T
3.6 nH
±0.2 nH, ±5%, ±10%
19
55
72
6.0 GHz
0.066
840 mA
L-07W3N9JV4T
3.9 nH
±0.2 nH, ±5%, ±10%
19
60
76
5.8 GHz
0.066
840 mA
L-07W4N3JV4T
4.3 nH
±0.2 nH, ±5%, ±10%
18
55
82
6.0 GHz
0.091
700 mA
L-07W4N7JV4T
4.7 nH
±0.2 nH, ±5%, ±10%
15
55
82
4.8 GHz
0.130
640 mA
L-07W5N1JV4T
5.1 nH
±0.2 nH, ±5%, ±10%
20
58
83
5.8 GHz
0.083
800 mA
L-07W5N6JV4T
5.6 nH
±0.2 nH, ±5%, ±10%
20
61
89
5.8 GHz
0.083
760 mA
L-07W6N2JV4T
6.2 nH
±0.2 nH, ±5%, ±10%
20
57
80
5.8 GHz
0.083
760 mA
L-07W6N8JV4T
6.8 nH
±0.2 nH, ±5%, ±10%
20
58
80
4.8 GHz
0.083
680 mA
L-07W7N5JV4T
7.5 nH
±0.2 nH, ±5%, ±10%
22
59
90
5.8 GHz
0.104
680 mA
L-07W8N2JV4T
8.2 nH
±0.2 nH, ±5%, ±10%
22
60
87
4.4 GHz
0.104
680 mA
L-07W8N7JV4T
8.7 nH
±0.2 nH, ±5%, ±10%
18
60
83
4.1 GHz
0.200
480 mA
L-07W9N0JV4T
9.0 nH
±0.2 nH, ±5%, ±10%
22
60
83
4.2 GHz
0.104
680 mA
L-07W9N5JV4T
9.5 nH
±0.2 nH, ±5%, ±10%
18
55
76
4.0 GHz
0.200
680 mA
L-07W10NJV4T
10.0 nH
±2%, ±5%, ±10%
21
56
76
3.9 GHz
0.195
480 mA
L-07W11NJV4T
11.0 nH
±2%, ±5%, ±10%
24
61
86
3.7 GHz
0.120
640 mA
L-07W12NJV4T
12.0 nH
±2%, ±5%, ±10%
24
58
77
3.6 GHz
0.120
640 mA
L-07W13NJV4T
13.0 nH
±2%, ±5%, ±10%
24
60
77
3.5 GHz
0.210
560 mA
L-07W15NJV4T
15.0 nH
±2%, ±5%, ±10%
24
61
86
3.3 GHz
0.172
560 mA
L-07W16NJV4T
16.0 nH
±2%, ±5%, ±10%
24
58
77
3.1 GHz
0.220
560 mA
L-07W18NJV4T
18.0 nH
±2%, ±5%, ±10%
24
58
77
3.1 GHz
0.230
420 mA
L-07W19NJV4T
19.0 nH
±2%, ±5%, ±10%
24
58
77
3.0 GHz
0.202
480 mA
L-07W20NJV4T
20.0 nH
±2%, ±5%, ±10%
24
54
74
3.0 GHz
0.250
420 mA
L-07W22NJV4T
22.0 nH
±2%, ±5%, ±10%
24
54
73
2.7 GHz
0.300
400 mA
L-07W23NJV4T
23.0 nH
±2%, ±5%, ±10%
24
55
73
2.7 GHz
0.214
400 mA
L-07W24NJV4T
24.0 nH
±2%, ±5%, ±10%
24
54
74
2.7 GHz
0.300
400 mA
L-07W27NJV4T
27.0 nH
±2%, ±5%, ±10%
24
55
75
2.5 GHz
0.298
400 mA
L-07W30NJV4T
30.0 nH
±2%, ±5%, ±10%
24
52
64
2.3 GHz
0.300
400 mA
L-07W33NJV4T
33.0 nH
±2%, ±5%, ±10%
24
52
64
2.3 GHz
0.350
400 mA
L-07W36NJV4T
36.0 nH
±2%, ±5%, ±10%
24
52
64
2.3 GHz
0.403
320 mA
L-07W39NJV4T
39.0 nH
±2%, ±5%, ±10%
24
51
48
2.1 GHz
0.550
320 mA
L-07W40NJV4T
40.0 nH
±2%, ±5%, ±10%
24
51
48
2.3 GHz
0.438
320 mA
L-07W43NJV4T
43.0 nH
±2%, ±5%, ±10%
24
50
46
2.0 GHz
0.810
100 mA
L-07W47NJV4T
47.0 nH
±2%, ±5%, ±10%
22@200MHz
50
46
2.1 GHz
0.830
100 mA
L-07W51NJV4T
51.0 nH
+/-5%, +/-10%
22@200MHz
49
N/A
1.7 GHz
0.820
100 mA
L-07W56NJV4T
56.0 nH
+/-5%, +/-10%
22@200MHz
49
N/A
1.7 GHz
0.970
100 mA
L-07W68NJV4T
68.0 nH
+/-5%, +/-10%
22@200MHz
42
N/A
1.6 GHz
1.120
100 mA


Similar Part No. - L-07W47NJV4T

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
L-07W47NJV4T COOPER-L-07W47NJV4T Datasheet
663Kb / 6P
   RF Wirewound Chip Inductors
More results

Similar Description - L-07W47NJV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14W5N6CV4E JOHANSON-L-14W5N6CV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
logo
Cooper Bussmann, Inc.
L-07W4N3SV4T COOPER-L-07W4N3SV4T Datasheet
663Kb / 6P
   RF Wirewound Chip Inductors
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com