Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-07WR12JV4T Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # L-07WR12JV4T
Description  RF WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-07WR12JV4T Datasheet(HTML) 1 Page - Johanson Technology Inc.

  L-07WR12JV4T Datasheet HTML 1Page - Johanson Technology Inc. L-07WR12JV4T Datasheet HTML 2Page - Johanson Technology Inc. L-07WR12JV4T Datasheet HTML 3Page - Johanson Technology Inc. L-07WR12JV4T Datasheet HTML 4Page - Johanson Technology Inc. L-07WR12JV4T Datasheet HTML 5Page - Johanson Technology Inc. L-07WR12JV4T Datasheet HTML 6Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
22
www.johansontechnology.com
www.johansontechnology.com
These high frequency High-Q chip inductors feature a
monolithic body made of low loss ceramic wound with wire to
achieve optimal high frequency performance.
These RF chip inductors are compact in size and are provided on
tape and reel packaging which makes them ideal for high volume RF
applications. They feature a nickel barrier with a top plating of gold
for the ceramic core types (all 0402, all 0603, and most 0805 types),
and with a top plating of 100% tin for the ferrite core types (0805
size, 470 nH and higher).
Most inductance values between those
listed are available on request.
RF WIREWOUND CHIP INDUCTORS
appliCaTionS
• CELL/PCS Modules
• Wireless LAN
• Broadband Components
• RFID
• RF Tranceivers
• Cordless Phone
• Cable Modem
• Computer Peripherals
• Bluetooth
• ASDL
HOW TO ORDER
Example Part Number:
L-07W4N3SV4T is: 0402 Wirewound, 4.3 nanohenry, +/- 0.3 nH tolerance, Ni / Au termination,
No Marking, Paper tape on a 7” reel.
DEVICE
Inductor
L-
SIZE
07 = 0402
14 = 0603
15 = 0805
07
TYPE
W = Wirewound on
Ceramic Core
F = Wirewound on
Ferrite Core
W
VALUE
See Table
4N3
TOLERANCE*
C = ± 0.2 nH
S = ± 0.3 nH
G = ± 2%
J = ± 5%
K = ± 10%
S
MARKING
4 = No Marking
4
T
TERMINATION
V =
Ni / Au for “W”types,
and V = Ni / 100% Sn for
“F” types
V
MECHANICAL CHARACTERISTICS
L
W
T
S
0402 (1005)
Inches
mm
.039 ±.004” (1.00 ±.10)
.022 ±.004” (0.55 ±.10)
.020 ±.004” (0.50 ±.10)
.008 ±.004” (0.20 ±.10)
Length
Width
Thickness
End Band
0805 (2012)
Inches
mm
.079 ±.008” (2.00 ±.20)
.049 ±.008” (1.25 ±.20)
.047 ±.008” (1.20 ±.20)
.016 ±.004” (0.40 ±.10)
0603 (1608)
Inches
mm
.063 ±.008” (1.60 ±.20)
.041 ±.008” (1.05 ±.20)
.041 ±.008” (1.05 ±.20)
.014 ±.004” (0.35 ±.10)
pRoDuCT Range SummaRy
EIA SIZE (mm)
SIZE CODE
L RANGE
Q FACTOR (Typ.)
SRF (Typ.)
TEMPERATURE
0402 (1005)
L-07
1.0 - 120 nH
55 (900 MHz)
>11 GHz (1.0 nH)
-40°C to + 125°C
0603 (1608)
L-14
2.0 - 470 nH
60 (900 MHz)
>13 GHz (2.0 nH)
-40°C to + 125°C
0805 (2012)
L-15
2.2 - 10,000 nH
60 (500 MHz)
>11 GHz (2.2 nH)
-40°C to + 125°C*
*-40 deg. C to +85 deg. C for ferrite core types
PACKAGING
Tape and Reel
Size
Code
Tape
Reel
Qty
0402
T
Paper
7”
10,000
0603
E Embossed
7”
3,000
0805
E Embossed
7”
2,000
Bulk (Loose Pcs.)
Size
Code
All
S


Similar Part No. - L-07WR12JV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-07WR18JV4E JOHANSON-L-07WR18JV4E Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
More results

Similar Description - L-07WR12JV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14W5N6CV4E JOHANSON-L-14W5N6CV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
logo
Cooper Bussmann, Inc.
L-07W4N3SV4T COOPER-L-07W4N3SV4T Datasheet
663Kb / 6P
   RF Wirewound Chip Inductors
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com