Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1200TS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1200TS
Description  0.95 V starting DC-to-DC converter with low battery indicator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1200TS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1200TS Datasheet HTML 4Page - NXP Semiconductors TEA1200TS Datasheet HTML 5Page - NXP Semiconductors TEA1200TS Datasheet HTML 6Page - NXP Semiconductors TEA1200TS Datasheet HTML 7Page - NXP Semiconductors TEA1200TS Datasheet HTML 8Page - NXP Semiconductors TEA1200TS Datasheet HTML 9Page - NXP Semiconductors TEA1200TS Datasheet HTML 10Page - NXP Semiconductors TEA1200TS Datasheet HTML 11Page - NXP Semiconductors TEA1200TS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2002 May 14
8
Philips Semiconductors
Product specification
0.95 V starting DC-to-DC converter
with low battery indicator
TEA1200TS
Temperature protection
When the DC-to-DC converter operates in the PWM
mode, and the die temperature gets too high (typical value
is 190
°C), the converter will stop operating. It resumes
operation when the die temperature falls below 90
°C
again. As a result, low frequency cycling between the on
and off state will occur. It should be noted that in the event
of device temperatures at the cut-off limit, the application
differs strongly from maximum specifications.
Current limiters
If the current in one of the power switches exceeds the
programmed limit in the PWM mode, the current ramp is
stopped immediately and the next switching phase is
entered. Current limiting is required to keep power
conversion efficient during temporary high loads.
Furthermore, current limiting protects the IC against
overload conditions, inductor saturation, etc.
The current limiting level is set by an external resistor
which must be connected between pin ILIM and ground for
downconversion, or between pins ILIM and UPOUT/DNIN
for upconversion.
External synchronization and PWM-only mode
If an external high-frequency clock or a HIGH level is
applied to pin SYNC/PWM, the TEA1200TS will use PWM
regulation independent of the load applied.
In the event that a high-frequency clock is applied, the
switching frequency in the PWM mode will be exactly that
frequency divided by 22. In the PWM mode the quiescent
current of the device increases.
In the event that no external synchronization or PWM
mode selection is necessary, pin SYNC/PWM must be
connected to ground.
Behaviour when the input voltage exceeds the
specified range
In general, an input voltage exceeding the specified range
is not recommended since instability may occur. There are
two exceptions:
1. Upconversion: at an input voltage higher than the
target output voltage, but up to 5.5 V, the converter will
stop switching and the external Schottky diode will
take over. The output voltage will equal the input
voltage minus the diode voltage drop. Since all current
flows through the external diode in this situation, the
current limiting function is not active.
In the PWM mode, the P-type power MOSFET is
always on when the input voltage exceeds the target
output voltage. The internal synchronous rectifier
ensures that the inductor current does not fall below
zero. As a result, the achieved efficiency is higher in
this situation than standard PWM-controlled
converters achieve.
2. Downconversion: when the input voltage is lower than
the target output voltage, but higher than 2.2 V, the
P-type power MOSFET will stay conducting resulting
in the output voltage being equal to the input voltage
minus some resistive voltage drop. The current limiting
function remains active.
Low battery detector
The low battery detector is an autonomous circuit which
can work at an input voltage down to 0.90 V. It is always
on, even when all other blocks are in the shut-down mode.
The low battery input (pin LBI1) is adjusted to accept a
1-cell NiCd or NiMH battery voltage directly. Hysteresis is
included for proper operating.
The output of the low battery detector (pin LBO) is an
open-collector output. The output is high (i.e. no current is
sunk by the collector) when the input voltage of the
detector is below the lower detection level.


Similar Part No. - TEA1200TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results

Similar Description - TEA1200TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
logo
JMK Inc.
GG-1570-20 JMK-GG-1570-20 Datasheet
138Kb / 4P
   The power converter / Backup Battery is a nominal 13.8 volt to 13.8 volt dc-dc converter With a backup battery to supply power during starting etc.
logo
Linear Technology
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417 Datasheet
128Kb / 16P
   200 mA DC-DC Step-up Converter with Dual Low Battery Protection
April, 2002 ??Rev. 1
logo
Silicon image
SI3500 SILICONIMAGE-SI3500 Datasheet
198Kb / 18P
   50 V INPUT DC TO DC CONVERTER
logo
Silicon Laboratories
SI3500 SILABS-SI3500 Datasheet
206Kb / 18P
   50 V INPUT DC TO DC CONVERTER
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
ON Semiconductor
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com