Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKDS220 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-VSKDS220
Description  ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 110 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKDS220 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-VSKDS220 Datasheet HTML 1Page - Vishay Siliconix VS-VSKDS220 Datasheet HTML 2Page - Vishay Siliconix VS-VSKDS220 Datasheet HTML 3Page - Vishay Siliconix VS-VSKDS220 Datasheet HTML 4Page - Vishay Siliconix VS-VSKDS220 Datasheet HTML 5Page - Vishay Siliconix VS-VSKDS220 Datasheet HTML 6Page - Vishay Siliconix VS-VSKDS220 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-VSKDS220/030
www.vishay.com
Vishay Semiconductors
Revision: 29-Sep-15
2
Document Number: 94639
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TC = 110 °C, rectangular waveform
110
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
18 000
10 ms sine or 6 ms rect. pulse
2000
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 15 A, L = 1 mH
99
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
22
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
110 A
TJ = 25 °C
0.59
V
220 A
0.78
110 A
TJ = 125 °C
0.57
220 A
0.82
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VR
10
mA
TJ = 125 °C
650
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
7400
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
7.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
Maximum RMS insulation voltage
VINS
50 Hz
3000 (1 min)
3600 (1 s)
V
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-55 to +150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
0.52
°C/W
Typical thermal resistance,
case to heatsink per module
RthCS
0.1
Approximate weight
75
g
2.7
oz.
Mounting torque ± 10 %
to heatsink
A mounting compound is recommended and the torque
should be rechecked after a period of 3 h to allow for the
spread of the compound.
4
Nm
busbar
3
Case style
JEDEC®
TO-240AA compatible


Similar Part No. - VS-VSKDS220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKDS220 VISHAY-VS-VSKDS220 Datasheet
186Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 110 A
01-Jan-2022
VS-VSKDS220-030 VISHAY-VS-VSKDS220-030 Datasheet
186Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 110 A
01-Jan-2022
VS-VSKDS220 VISHAY-VS-VSKDS220_V01 Datasheet
186Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 110 A
01-Jan-2022
More results

Similar Description - VS-VSKDS220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKCS220 VISHAY-VS-VSKCS220 Datasheet
926Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
Revision: 28-Sep-15
VS-VSKCS400 VISHAY-VS-VSKCS400 Datasheet
941Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKCS401 VISHAY-VS-VSKCS401 Datasheet
908Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKCS408 VISHAY-VS-VSKCS408 Datasheet
931Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKJS409 VISHAY-VS-VSKJS409 Datasheet
136Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 21-Mar-14
VS-VSKCS440 VISHAY-VS-VSKCS440 Datasheet
926Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
Revision: 28-Sep-15
VS-VSKDS201 VISHAY-VS-VSKDS201 Datasheet
176Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 100 A
Revision: 23-May-16
VS-VSKDS408 VISHAY-VS-VSKDS408 Datasheet
968Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKJS440 VISHAY-VS-VSKJS440 Datasheet
140Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
Revision: 19-Mar-14
VS-VSKCS201 VISHAY-VS-VSKCS201 Datasheet
756Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
Revision: 28-Sep-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com