Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4299GM Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4299GM
Description  5-V Low-Drop Fixed Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299GM Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4299GM Datasheet HTML 2Page - Infineon Technologies AG TLE4299GM Datasheet HTML 3Page - Infineon Technologies AG TLE4299GM Datasheet HTML 4Page - Infineon Technologies AG TLE4299GM Datasheet HTML 5Page - Infineon Technologies AG TLE4299GM Datasheet HTML 6Page - Infineon Technologies AG TLE4299GM Datasheet HTML 7Page - Infineon Technologies AG TLE4299GM Datasheet HTML 8Page - Infineon Technologies AG TLE4299GM Datasheet HTML 9Page - Infineon Technologies AG TLE4299GM Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TLE 4299
Data Sheet Rev. 1.0
6
2002-01-17
Figure 4
Pin Configuration (top view)
Pin Definitions and Functions (TLE 4299 GM)
Pin No.
Symbol
Function
1RADJ
Reset Threshold; if not needed connect to GND.
2D
Reset Delay; connect to GND via external delay capacitor for
setting delay time.
3, 4, 5
GND
Ground
6INH
Inhibit; If not needed connect to input pin I; a high signal switches
the regulator ON.
7RO
Reset Output; open-collector output, internally connected to Q
via a pull-up resistor of 20 k
W. Keep open, if the pin is not needed.
8SO
Sense Output; open-collector output, internally connected to Q
via a 20 k
W pull-up resistor. Keep open, if the pin is not needed.
9Q
5-V Output; connect to GND with a 22
mF capacitor, ESR < 5 W.
10, 11, 12 GND
Ground
13
I
Input; block to GND directly at the IC by a ceramic capacitor.
14
SI
Sense Input; if not needed connect to Q.
AEP02831
14
1
RADJ
SI
D2
13
GND
3
12
GND
4
11
10
GND
5
69
INH
RO
7
8
I
GND
GND
GND
Q
SO
P-DSO-14-8


Similar Part No. - TLE4299GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299GM INFINEON-TLE4299GM Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4299GMV33 INFINEON-TLE4299GMV33 Datasheet
529Kb / 24P
   Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4299GMV33 INFINEON-TLE4299GMV33 Datasheet
475Kb / 25P
   Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
More results

Similar Description - TLE4299GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com