Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF2-L2-4.5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # TF2-L2-4.5V
Description  SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TF2-L2-4.5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  TF2-L2-4.5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TF2-L2-4.5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TF2-L2-4.5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TF2-L2-4.5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TF2-L2-4.5V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
145
TF-RELAYS
SMALL POLARIZED RELAY
WITH HIGH SENSITIVITY
TESTING
mm inch
7.8
.307
9
.354
14
.551
FEATURES
• High sensitivity:
80 mW Nominal operating power (Single
side stable 3-12 V type)
• Surge voltage withstand: 1500 V FCC
Part 68
• Minimal magnetic interference allows
high density mounting
• Sealed construction allows automatic
cleaning
• Self-clinching terminal also available
SPECIFICATIONS
Contact
Note:
f1This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the ac-
tual load.
Characteristics
Remarks
* Specifications will vary with foreign standards certification ratings.
*1
Measurement at same location as "Initial breakdown voltage" section.
*2
By resistive method, nominal voltage applied to the coil; contact carrying current:
1 A.
*3
Nominal voltage applied to the coil, excluding contact bounce time.
*4
Nominal voltage applied to the coil, excluding contact bounce time without diode.
*5
Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.
*6
Half-wave pulse of sine wave: 6 ms.
*7
Detection time: 10
µs.
*8
Refer to 4. Conditions for operation, transport and storage mentioned in Cautions
for use (Page 178).
Arrangement
2 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Contact material
Gold-clad silver
Rating
Nominal switching
capacity (resistive load)
1 A 30 V DC, 0.5 A 125 V AC
Max. switching power
(resistive load)
30 W, 62.5 VA
Max. switching voltage
110 V DC, 125 V AC
Max. switching current
1 A
Min. switching capacity f1
10
µA 10 mV DC
Nominal
operating
power
Single side stable
80 mW (3 to 12 V DC)
140 mW (24 V DC)
260 mW (48 V DC)
1 coil latching
55 mW (3 to 12 V DC)
100 mW (24 V DC)
2 coil latching
110 mW (3 to 12 V DC)
200 mW (24 V DC)
Expected
life (min.
operations)
Mechanical (at 180 cpm)
108
Electrical (at 20 cpm)
1 A 30 V DC resistive load
2
×105
0.5 A 125 V AC resistive load
105
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial
breakdown
voltage
Between open
contacts
750 Vrms for 1 min.
(Detection current: 10 mA)
Between contact and
coil
1,000 Vrms for 1 min.
(Detection current: 10 mA)
Between contact sets
1,000 Vrms for 1 min.
(Detection current: 10 mA)
FCC surge voltage between open
contacts
1,500 V
Temperature rise*2 (at 20
°C)
Max. 50
°C
Operate time [Set time]*3 (at 20
°C)
Max. 4 ms (Approx. 2 ms)
[Max. 4 ms (Approx. 2 ms)]
Release time [Reset time]*4
(at 20
°C)
Max. 4 ms (Approx. 1 ms)
[Max. 4 ms (Approx. 2 ms)]
Shock resistance
Functional*5
Min. 490 m/s2 {50 G}
Destructive*6
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*7
176.4 m/s2 {18G}, 10 to 55 Hz
at double amplitude of 3 mm
Destructive
294 m/s2 {30G}, 10 to 55 Hz
at double amplitude of 5 mm
Conditions for oper-
ation, transport and
storage*8
(Not freezing and
condensing at low
temperature)
Ambient
temperature
–40
°C to +70°C
–40
°F to +158°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 2 g .071 oz
ORDERING INFORMATION
Ex. TF
2
L
H
3V
Contact arrangement
Operating function
Terminal shape
Coil voltage(DC)
2:2 Form C
Nil: Standard PC board terminal
H: Self-clinching terminal
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
3,4.5,5,6,9,12,
24,48*V
*48 V coil type: Single side stable only
Note: AgPd stationary contact types available for high resistance against contact sticking.
When ordering, please add suffix“-3”like TF2-12V-3.


Similar Part No. - TF2-L2-4.5V

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
593Kb / 6P
   Mid Size Snap-acting Switches
4 Jul 22
logo
Rhombus Industries Inc.
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF200-5 RHOMBUS-IND-TF200-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF2-L2-4.5V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com