Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2-L-H-24V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # TN2-L-H-24V
Description  SLIM POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TN2-L-H-24V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  TN2-L-H-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TN2-L-H-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TN2-L-H-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TN2-L-H-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TN
152
REFERENCE DATA
1. Maximum switching capacity
2. Life curve
3. Mechanical life
Tested sample: TN2-12V, 10 pcs.
30
100
200
1.0
0.5
0.4
0.3
0.2
Switching voltage,V
DC load (cos
ϕ=1)
AC load (cos
ϕ=1)
100
10
0
0.5
1.0
Switching current, A
125 V AC resistive load
30 V DC resistive load
10
100
1,000
10,000
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
Max.
Max.
Min.
Min.
Pick-up voltage
Drop-out voltage
4. Electrical life (DC load)
Tested sample: TN2-12V, 10 pcs.
Condition: 1 A 30 V DC resistive load, 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5. Coil temperature rise
Tested sample: TN2-12V
Point measured: Inside the coil
Ambient temperature: Room temperature (25
° to
26
°C), 70°C (77° to 79°F), 158°F
Max.
Max.
Min.
Min.
No. of operations,
×104
0
10
20
30
40
50
60
70
80
90
100
5
101520
Pick-up voltage
Drop-out voltage
510
15
20
No.of operations,
×104
0
10
20
30
40
50
60
70
80
90
100
Terminal No.2–3–4
Terminal No.7–8–9
0
Coil applied voltage, %V
80
90
100 110 120 130 140 150
10
20
30
40
50
60
70
Carrying current
0 A (Room temp.)
1 A (Room temp.)
0 A (70
°C)
1 A (70
°C)
6. Operate/release time characteristics
Tested sample: TN2-12V, 5 pcs.
7. Set/reset time characteristics
Tested sample: TN2-L2-12V, 5 pcs.
8. Distribution of pick-up and drop-out voltages
Tested sample: TN2-12V, 40 pcs.
Max.
Min.
Min.
0
1
2
3
4
5
6
80
90
100
110
120
Coil applied voltage, %V
Operate time
Release time
Max.
Max.
Min.
0
1
2
3
4
5
6
80
90
100
110
120
Coil applied voltage, %V
Set time
Reset time
Ratio against the rated voltage, %V
20
30
10
10
0
2030405060708090 100
Pick-up voltage
Drop-out voltage
9. Distribution of set and reset voltage
Tested sample: TN2-L2-12V, 32 pcs.
10. Ambient temperature characteristics
Tested sample: TN2-12V, 5 pcs.
11. Distribution of contact resistance
Tested sample: TN2-12V, 38 pcs. (38
×4 contacts)
Ratio against the rated voltage, %V
20
30
10
0
102030405060708090 100
Set voltage
Reset voltage
20
0
x
x
Pick-up voltage
40
60
80
–10
–20
–40
10
20
30
40
Drop-out
voltage
Ambient
temperature,
°C
–10
–20
–30
–40
Contact resistance,m
10
20
30
40
030
40
50
Terminal No.
2,3,4 side
Terminal
No.
7,8,9
Side
6 7 8 9 10
1 2 3 4 5


Similar Part No. - TN2-L-H-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TN2-L-H-24V NAIS-TN2-L-H-24V Datasheet
78Kb / 4P
   SLIM POLARIZED RELAY
More results

Similar Description - TN2-L-H-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TN2-3V NAIS-TN2-3V Datasheet
78Kb / 4P
   SLIM POLARIZED RELAY
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
   Slim Relay
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com