Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7143DP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI7143DP
Description  P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7143DP Datasheet(HTML) 5 Page - Vishay Siliconix

  SI7143DP Datasheet HTML 1Page - Vishay Siliconix SI7143DP Datasheet HTML 2Page - Vishay Siliconix SI7143DP Datasheet HTML 3Page - Vishay Siliconix SI7143DP Datasheet HTML 4Page - Vishay Siliconix SI7143DP Datasheet HTML 5Page - Vishay Siliconix SI7143DP Datasheet HTML 6Page - Vishay Siliconix SI7143DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Si7143DP
Document Number: 65670
S10-0112-Rev. A, 18-Jan-10
www.vishay.com
5
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
15
30
45
60
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
Power, Junction-to-Case
0
10
20
30
40
50
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.6
1.2
1.8
2.4
0
25
50
75
100
125
150
TA -- Ambient Temperature (°C)


Similar Part No. - SI7143DP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI7143DP-T1-GE3 VBSEMI-SI7143DP-T1-GE3 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7143DP-T1-GE3 VISHAY-SI7143DP-T1-GE3 Datasheet
372Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7143DP VISHAY-SI7143DP_V01 Datasheet
372Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7143DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com