Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7190DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7190DP
Description  N-Channel 250-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7190DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7190DP Datasheet HTML 1Page - Vishay Siliconix SI7190DP Datasheet HTML 2Page - Vishay Siliconix SI7190DP Datasheet HTML 3Page - Vishay Siliconix SI7190DP Datasheet HTML 4Page - Vishay Siliconix SI7190DP Datasheet HTML 5Page - Vishay Siliconix SI7190DP Datasheet HTML 6Page - Vishay Siliconix SI7190DP Datasheet HTML 7Page - Vishay Siliconix SI7190DP Datasheet HTML 8Page - Vishay Siliconix SI7190DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68985
S09-0997-Rev. B, 01-Jun-09
Vishay Siliconix
Si7190DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
250
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
258
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 9.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
24
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 250 V, VGS = 0 V
1
µA
VDS = 250 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 4.4 A
0.098
0.118
Ω
VGS = 6 V, ID = 4.3 A
0.103
0.124
Forward Transconductancea
gfs
VDS = 15 V, ID = 4.4 A
19
S
Dynamicb
Input Capacitance
Ciss
VDS = 125 V, VGS = 0 V, f = 1 MHz
2214
pF
Output Capacitance
Coss
96
Reverse Transfer Capacitance
Crss
50
Total Gate Charge
Qg
VDS = 125 V, VGS = 10 V, ID = 4.4 A
48
72
nC
VDS = 125 V, VGS = 6 V, ID = 4.4 A
32
48
Gate-Source Charge
Qgs
12
Gate-Drain Charge
Qgd
15
Gate Resistance
Rg
f = 1 MHz
0.2
0.9
1.8
Ω
Turn-On Delay Time
td(on)
VDD = 125 V, RL = 35.7 Ω
ID ≅ 3.5 A, VGEN = 6 V, Rg = 1 Ω
21
32
ns
Rise Time
tr
14
21
Turn-Off Delay Time
td(off)
24
36
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 125 V, RL = 35.7 Ω
ID ≅ 3.5 A, VGEN = 10 V, Rg = 1 Ω
13
20
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
28
42
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
30
A
Pulse Diode Forward Currenta
ISM
30
Body Diode Voltage
VSD
IS = 3.5 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3.5 A, dI/dt = 100 A/µs, TJ = 25 °C
87
131
ns
Body Diode Reverse Recovery Charge
Qrr
300
450
nC
Reverse Recovery Fall Time
ta
62
ns
Reverse Recovery Rise Time
tb
25


Similar Part No. - SI7190DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SI7190DP VISHAY-SI7190DP_V01 Datasheet
313Kb / 13P
   N-Channel 250-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7190DP

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMR400N ANALOGPOWER-AMR400N Datasheet
351Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI4434DY VISHAY-SI4434DY Datasheet
70Kb / 5P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 15-Dec-03
logo
Analog Power
AM14N25-280D ANALOGPOWER-AM14N25-280D Datasheet
347Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM30N25-270P ANALOGPOWER-AM30N25-270P Datasheet
337Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SIR692DP VISHAY-SIR692DP Datasheet
210Kb / 7P
   N-Channel 250 V (D-S) MOSFET
Rev. A, 19-Dec-16
logo
Analog Power
AM6N25-1100D ANALOGPOWER-AM6N25-1100D Datasheet
306Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SISS92DN VISHAY-SISS92DN Datasheet
227Kb / 8P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7190ADP VISHAY-SI7190ADP Datasheet
229Kb / 9P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com