Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7322DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7322DN
Description  N-Channel 100-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7322DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7322DN Datasheet HTML 1Page - Vishay Siliconix SI7322DN Datasheet HTML 2Page - Vishay Siliconix SI7322DN Datasheet HTML 3Page - Vishay Siliconix SI7322DN Datasheet HTML 4Page - Vishay Siliconix SI7322DN Datasheet HTML 5Page - Vishay Siliconix SI7322DN Datasheet HTML 6Page - Vishay Siliconix SI7322DN Datasheet HTML 7Page - Vishay Siliconix SI7322DN Datasheet HTML 8Page - Vishay Siliconix SI7322DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7322DN
New Product
Document Number: 69638
S-81549-Rev. B, 07-Jul-08
www.vishay.com
1
N-Channel 100-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
•TrenchFET® Power MOSFET
100 % UIS Tested
APPLICATIONS
Primary Switch
Isolated DC/DC Converters
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 81 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
100
0.058 at VGS = 10 V
18
13 nC
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK® 1212-8
Bottom View
Ordering Information: Si7322DN-T1-E3 (Lead (Pb)-free)
Si7322DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
18a
A
TC = 70 °C
16a
TA = 25 °C
5.5b, c
TA = 70 °C
4.4b, c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
18a
TA = 25 °C
3.2b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
19
Single Pulse Avalanche Energy
EAS
18
mJ
Maximum Power Dissipation
TC = 25 °C
PD
52
W
TC = 70 °C
33
TA = 25 °C
3.8b, c
TA = 70 °C
2.4b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
26
33
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
RoHS
COMPLIANT


Similar Part No. - SI7322DN

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI7322DN TFUNK-SI7322DN Datasheet
548Kb / 13P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7322DN-T1-E3 VISHAY-SI7322DN-T1-E3 Datasheet
605Kb / 13P
   N-Channel 100-V (D-S) MOSFET
01-Jan-2022
SI7322DN-T1-GE3 VISHAY-SI7322DN-T1-GE3 Datasheet
605Kb / 13P
   N-Channel 100-V (D-S) MOSFET
01-Jan-2022
SI7322DN VISHAY-SI7322DN_V01 Datasheet
605Kb / 13P
   N-Channel 100-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7322DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com