Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206SC223J-4T3A Datasheet(PDF) 2 Page - AVX Corporation

Part # 1206SC223J-4T3A
Description  For 600V to 3000V Automotive Applications ??AEC-Q200
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1206SC223J-4T3A Datasheet(HTML) 2 Page - AVX Corporation

  1206SC223J-4T3A Datasheet HTML 1Page - AVX Corporation 1206SC223J-4T3A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
106
062216
High Voltage MLC Chip Capacitors
For 600V to 3000V Automotive Applications – AEC-Q200
Case Size
1206
1210
1808
1812
2220
Soldering
Reflow/Wave
Reflow Only
Reflow Only
Reflow Only
Reflow Only
(L) Length
mm
3.20 ± 0.20
3.20 ± 0.20
4.57 ± 0.25
4.50 ± 0.30
5.70 ± 0.40
(in.)
(0.126 ± 0.008)
(0.126 ± 0.008)
(0.180 ± 0.010)
(0.177 ± 0.012)
(0.224 ± 0.016)
(W) Width
mm
1.60 ± 0.20
2.50 ± 0.20
2.03 ± 0.25
3.20 ± 0.20
5.00 ± 0.40
(in.)
(0.063 ± 0.008)
(0.098 ± 0.008)
(0.080 ± 0.010)
(0.126 ± 0.008)
(0.197 ± 0.016)
(T) Thickness
mm
1.52
1.70
2.03
2.54
3.30
(in.)
(0.060)
(0.067)
(0.080)
(0.100)
(0.130)
(t) Terminal
min
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
max
0.75 (0.030)
0.75 (0.030)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
Voltage (V)
630
1000
1500
2000
2500
630
1000
1500
2000
630
1000
1500
2000
2500
3000
630
1000
1500
2000
2500
3000
630
1000
1500
2000
Cap (pF)
100
101
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
560
561
680
681
820
821
1000
102
1200
122
1500
152
1800
182
2200
222
2700
272
3300
332
3900
392
4700
472
5600
562
6800
682
8200
822
Cap (μF)
0.01
103
0.012
123
0.015
153
0.018
183
0.022
223
0.027
273
0.033
333
0.039
393
0.047
473
0.056
563
0.068
683
0.082
823
0.100
104
0.120
124
0.150
154
Voltage (V)
630
1000
1500
2000
2500
630
1000
1500
2000
630
1000
1500
2000
2500
3000
630
1000
1500
2000
2500
3000
630
1000
1500
2000
Case Size
1206
1210
1808
1812
2220
X7R CAPACITANCE RANGE
PREFERRED SIZES ARE SHADED
NOTE: Contact factory for non-specified capacitance values


Similar Part No. - 1206SC223J-4T3A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206SC223J4T1A AVX-1206SC223J4T1A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1206SC223J4T2A AVX-1206SC223J4T2A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1206SC223J4T4A AVX-1206SC223J4T4A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1206SC223J4Z1A AVX-1206SC223J4Z1A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
1206SC223J4Z2A AVX-1206SC223J4Z2A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
More results

Similar Description - 1206SC223J-4T3A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
0805 AVX-0805 Datasheet
57Kb / 2P
   For 600V to 3000V Applications
2220HC103KAZ1A AVX-2220HC103KAZ1A Datasheet
57Kb / 2P
   High Voltage MLC Chips FLEXITERM For 600V to 3000V Applications
logo
Golledge Electronics Lt...
GRX-530 GOLLEDGE-GRX-530 Datasheet
171Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-220 GOLLEDGE-GRX-220 Datasheet
167Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-330 GOLLEDGE-GRX-330 Datasheet
171Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-320 GOLLEDGE-GRX-320 Datasheet
168Kb / 2P
   Automotive SM Crystal (AEC-Q200)
logo
Shanghai Leiditech Elec...
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
   AEC-Q200 Automotive Grade Certified
logo
Golledge Electronics Lt...
GRX-315 GOLLEDGE-GRX-315 Datasheet
169Kb / 2P
   Automotive Watch Crystal (AEC-Q200)
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com