Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232BL-XXYY Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT232BL-XXYY
Description  USB UART IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL-XXYY Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT232BL-XXYY Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
1
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
Future Technology
Devices International Ltd.
FT232BL/BQ USB UART IC
The FT232B is a USB to serial UART
interface with the following advanced
features:
Single Chip USB to Asynchronous Serial
Data Transfer
Full Handshaking & Modem Interface
Signals
UART I/F Supports 7 / 8 Bit Data, 1 / 2
Stop Bits and Odd/Even/Mark/Space/No
Parity
Data rate 300 => 3M Baud (TTL)
Data rate 300 => 1M Baud (RS232)
Data rate 300 => 3M Baud
(RS422/RS485)
384 Byte Receive Buffer / 128 Byte
Transmit Buffer for high data throughput
Adjustable RX buffer timeout
Fully Assisted Hardware or X-On / X-Off
Handshaking In-built support for event
characters and line break condition
Auto Transmit Buffer control for RS485
Support for USB Suspend / Resume
through SLEEP# and RI# pins
4.35V to 5.25V single supply operation
Support for high power USB Bus powered
devices through PWREN# pin
Integrated level converter on UART and
control signals for interfacing to 5V and
3.3V logic
Integrated 3.3V regulator for USB IO
Integrated Power-On-Reset circuit
Integrated 6MHz – 48Mhz clock multiplier
PLL
UHCI / OHCI / EHCI host controller
compatible
USB 1.1 and USB 2.0 compatible
USB VID, PID, Serial Number and Product
Description strings in external EEPROM
EEPROM programmable on-board via USB
Available as a compact lead free RoHS
compliant 32-LD LQFP package (FT232BL) or
32-LD QFN package (FT232BQ).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park,
Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT232BL-XXYY

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-XXYY FTDI-FT232BL-XXYY Datasheet
1Mb / 34P
   USB UART IC
More results

Similar Description - FT232BL-XXYY

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Future Technology Devic...
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com