Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232HQ-REEL Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT232HQ-REEL
Description  Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232HQ-REEL Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT232HQ-REEL Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Copyright © Future Technology Devices International Limited
6
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.82
Clearance No.: FTDI #199
Table of Contents
1
Typical Applications...................................................................... 2
1.1
Driver Support .................................................................................... 2
1.2
Part Numbers...................................................................................... 2
USB Compliant....................................................................................... 4
1.3 ............................................................................................................... 4
1.4
Applicable Documents ........................................................................ 4
2
FT232H Block Diagram ................................................................. 5
3
Device Pin Out And Signal Descriptions ........................................ 8
3.1
Schematic Symbol............................................................................... 8
3.2
FT232H Pin Descriptions .................................................................... 9
3.3
Signal Description............................................................................. 10
3.4
ACBUS Signal Option......................................................................... 14
3.5
Pin Configurations ............................................................................ 15
3.5.1
FT232H pins used in an UART interface......................................................................... 15
3.5.2
FT232H pins used in an FT245 Synchronous FIFO Interface............................................. 16
3.5.3
FT232H pins used in an FT245 Style Asynchronous FIFO Interface ................................... 17
3.5.4
FT232H can be configured as a Synchronous or Asynchronous Bit-Bang Interface.............. 18
3.5.5
FT232H pins used in an MPSSE.................................................................................... 19
3.5.6
FT232H Pins used as a Fast Serial Interface .................................................................. 20
3.5.7
FT232H Pins Configured as a CPU-style FIFO Interface ................................................... 21
3.5.8
FT232H Pins Configured as a FT1248 Interface .............................................................. 22
4
Function Description................................................................... 23
4.1
Key Features..................................................................................... 23
4.2
Functional Block Descriptions ........................................................... 24
4.3
FT232 UART Interface Mode Description........................................... 25
4.3.1
RS232 Configuration .................................................................................................. 25
4.3.2
RS422 Configuration .................................................................................................. 26
4.3.3
RS485 Configuration .................................................................................................. 27
4.4
FT245 Synchronous FIFO Interface Mode Description ...................... 28
4.4.1
FT245 Synchronous FIFO Read Operation ..................................................................... 29
4.4.2
FT245 Synchronous FIFO Write Operation..................................................................... 29
4.5
FT245 Style Asynchronous FIFO Interface Mode Description............ 30
4.6
FT1248 Interface Mode Description .................................................. 31
4.6.1
Bus Width Protocol Decode ......................................................................................... 32
4.6.2
FT1248: 1-bit interface............................................................................................... 33
4.7
Synchronous and Asynchronous Bit-Bang Interface Mode ................ 35
4.7.1
Asynchronous Bit-Bang Mode ...................................................................................... 35


Similar Part No. - FT232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232HQ-REEL ETC2-FT232HQ-REEL Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
More results

Similar Description - FT232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT-MOD-4232HUB FTDI-FT-MOD-4232HUB Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com