Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232HL-xxxx Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT232HL-xxxx
Description  Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232HL-xxxx Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT232HL-xxxx Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232HL-xxxx Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Copyright © Future Technology Devices International Limited
10
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.82
Clearance No.: FTDI #199
3.3 Signal Description
The operation of the following FT232H pins are the same regardless of the configured mode:-
Pin No.
Name
Type
Description
40
**
VREGIN
POWER
input
+5.0V or 3V3 power supply input.
37
VCCA
POWER
output
+1.8V output. Should not be used. Terminate with 0.1uF
capacitor to GND
38
VCORE
POWER
output
+1.8V output. Should not be used. Terminate with a 0.1uF
capacitor to GND
39
**
VCCD
POWER
output or
input
+3.3V output or input.
12, 24, 46
VCCIO
POWER
input
+3.3V input. I/O interface power supply input
8
VPLL
POWER
Input
+3.3V input. Internal PLL power supply input. It is
recommended that this supply is filtered using an LC filter.
(See figure 6.1)
3
VPHY
POWER
Input
+3.3V input. Internal USB PHY power supply input. Note that
this cannot be connected directly to the USB supply. A +3.3V
regulator must be used. It is recommended that this supply is
filtered using an LC filter.(See figure 6.1)
4,9,41
AGND
POWER
Input
0V Ground input.
10,11,22,23,35,36,47,48
GND
POWER
Input
0V Ground input.
Table 3.1 Power and Ground
** If pin 40 (VREGIN) is +5.0V, pin 39 becomes an output and If pin 40 (VREGIN) is 3V3 pin 39 becomes
an input.


Similar Part No. - FT232HL-xxxx

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232HL-xxxx FTDI-FT232HL-xxxx Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT232HL-xxxx

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT-MOD-4232HUB FTDI-FT-MOD-4232HUB Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com