Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232RL-REEL Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT232RL-REEL
Description  USB UART IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL-REEL Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT232RL-REEL Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Copyright © 2015 Future Technology Devices International Limited
4
FT232R USB UART IC Datasheet
Version 2.13
Document No.: FT_000053 Clearance No.: FTDI# 38
2
FT232R Block Diagram
Figure 2.1 FT232R Block Diagram
For a description of each function please refer to Section 4.
x4 Clock
Multiplier
UART
FIFO Controller
Serial Interface
Engine
( SIE )
USB
Protocol Engine
Baud Rate
Generator
UART Controller
with
Programmable
Signal Inversion
3.3 Volt
LDO
Regulator
USB
Transceiver
with
Integrated
Series
Resistors
and 1.5K
Pull-
up
USB DPLL
Internal
12MHz
Oscillator
48MHz
48MHz
OCSI
(optional)
OSCO
(optional)
USBDP
USBDM
3V3OUT
VCC
DBUS0
DBUS1
DBUS2
DBUS3
DBUS4
DBUS5
DBUS6
DBUS7
CBUS0
CBUS2
CBUS3
SLEEP#
RESET#
TEST
GND
Reset
Generator
3V3OUT
CBUS1
FIFO RX
Buffer
FIFO TX Buffer
Internal
EEPROM
To USB Transeiver Cell
CBUS4


Similar Part No. - FT232RL-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232RL-2000 FTDI-FT232RL-2000 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
More results

Similar Description - FT232RL-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
   USB UART IC
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Future Technology Devic...
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com