Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232RL-REEL Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT232RL-REEL
Description  USB UART IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL-REEL Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT232RL-REEL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232RL-REEL Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Copyright © 2015 Future Technology Devices International Limited
9
FT232R USB UART IC Datasheet
Version 2.13
Document No.: FT_000053 Clearance No.: FTDI# 38
Pin No.
Name
Type
Description
11
CTS#
Input
Clear To Send Control Input / Handshake Signal.
12
CBUS4
I/O
Configurable CBUS output only Pin. Function of this pin is configured in
the device internal EEPROM. Factory default configuration is SLEEP#. See
CBUS Signal Options, Table 3.99.
13
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is TXDEN. See
CBUS Signal Options, Table 3.99.
14
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is PWREN#. See
CBUS Signal Options, Table 3.99. PWREN# should be used with a 10kΩ
resistor pull up.
22
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is RXLED#. See
CBUS Signal Options, Table 3.99.
23
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is TXLED#. See
CBUS Signal Options, Table 3.99.
Table 3.4 UART Interface and CUSB Group (see note 3)
Notes:
1. The minimum operating voltage VCC must be +4.0V (could use VBUS=+5V) when using the
internal clock generator. Operation at +3.3V is possible using an external crystal oscillator.
2. For details on how to use an external crystal, ceramic resonator, or oscillator with the FT232R,
please refer Section 7.6
3. When used in Input Mode, the input pins are pulled to VCCIO via internal 200kΩ resistors. These
pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the internal EEPROM.


Similar Part No. - FT232RL-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232RL-2000 FTDI-FT232RL-2000 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
More results

Similar Description - FT232RL-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
   USB UART IC
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Future Technology Devic...
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com