Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT260S-x Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT260S-x
Description  HID-class USB to UART/I2C Bridge IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260S-x Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT260S-x Datasheet HTML 5Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 9Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 10Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 11Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 12Page - Future Technology Devices International Ltd. FT260S-x Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Copyright © Future Technology Devices International Limited
9
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
3.3
Pin Description
FT260Q
Pin No.
FT260S
Pin No.
Pin Name
(Function)
Type
Description
1
5
DEBUGGER
I/O
Debugging pin.
Should be reserved and tied to high
2
6
STEST_RSTN
I
Chip reset input for test mode. Active low.
Should be reserved and tied to high.
3
7
RESETN
I
Chip reset input. Active low.
Can be tied to high if external reset function is not required.
4
8
DCNF0
I
Device Interface Configuration Selection bit-0 for the HID interface
selection. Refer to Section 5.1
5
9
DCNF1
I
Device Interface Configuration Selection bit-1 for the HID interface
selection. Refer to Section 5.1
6
10
VCCIO
P **
+3.3V/2.5V/1.8V supply voltage.
This is the supply voltage for all the I/O ports. This pin shall be
connected to VOUT3V3(pin 22/26) when I/O ports are working at
3.3V
7
11
DIO0
( TX_ACTIVE /
TX_LED /
GPIOA
)
I/O
O
O
I/O
DIO0, Digital Input/Output Pin 0.
This pin can be configured as one of the following three functions via
embedded eFUSE or external EEPROM.
TX_ACTIVE is set as the default function to indicate the UART
transmitting is active.-
TX_LED is set as the LED driving source when data is transmitted on
UART TX port.
GPIOA, General Purpose I/O. GPIOA is another optional function.
8
12
DIO1
( GPIOB /
RTSN )
I/O
I/O
O
DIO1, Digital Input/Output Pin 1.
GPIOB, General Purpose I/O. is set as the default function.
RTSN, Request To Send Handshake, can be enabled via a USB
command for the UART interface.
9
13
DIO2
( GPIOE /
CTSN )
I/O
I/O
I
DIO2, Digital Input/Output Pin 2.
GPIOE, General Purpose I/O. is set as the default function.
CTSN, Clear To Send Handshake, can be enabled via a USB command
for the UART interface.
10
14
DIO3
( RXD /
GPIOC )
I/O
I
I/O
DIO3, Digital Input/Output Pin 3.
RXD, Receive Asynchronous Data Input, is set as default function
when the UART interface is selected via {DCNF1, DCNF0}.
GPIOC, General Purpose I/O, is set as the default function when UART
interface is not configured.
11
15
DIO4
( TXD /
GPIOD )
I/O
O
I/O
DIO4, Digital Input/Output Pin 4.
TXD, Transmit Asynchronous Data Output, is set as default when the
UART interface is selected via {DCNF1, DCNF0}.
GPIOD, General Purpose I/O, is set as default when the UART
interface is not configured.
12
16
DIO5
I/O
DIO5, Digital Input/Output Pin 5.


Similar Part No. - FT260S-x

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
More results

Similar Description - FT260S-x

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com