Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT311D-32Q1C-R Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT311D-32Q1C-R
Description  USB Android Host IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32Q1C-R Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT311D-32Q1C-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT311D-32Q1C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
6
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
3 Device Pin Out and Signal Description
3.1 Package Symbol
Figure 3.1 QFN Schematic Symbol
Note the pinout is the same for the QFN and LQFP packages.
3.1.1 Package PinOut Description
Note: # denotes an active low signal.
Pin No.
Name
Type
Description
2
3.3V
VREGIN
POWER
Input
3V3 supply to IC internal 1V8 regulator
3
1.8V VCC
PLL IN
POWER
Input
1V8 supply to IC core
13, 22, 28
VCCIO
POWER
Input
3V3 supply for the IO cells
7
VREGOUT
POWER
Output
1V8 output. May be used as input source for pin 3.
1,6,16,19,27
GND
POWER
Input
0V Ground input.
Table 3.1 Power and Ground


Similar Part No. - FT311D-32Q1C-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT311D-32Q1C-x FTDI-FT311D-32Q1C-x Datasheet
1Mb / 40P
   USB Android Host IC
FT311D-32Q1C-X FTDI-FT311D-32Q1C-X Datasheet
1Mb / 40P
   USB Android Host IC
Version 1.2
More results

Similar Description - FT311D-32Q1C-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
   USB Android Host IC
FT312D-32Q1C-T FTDI-FT312D-32Q1C-T Datasheet
757Kb / 27P
   USB Android Host IC
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
   USB Android Host IC
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
   USB Android Host Chip
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com