Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7790DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7790DP
Description  N-Channel 40-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7790DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7790DP Datasheet HTML 1Page - Vishay Siliconix SI7790DP Datasheet HTML 2Page - Vishay Siliconix SI7790DP Datasheet HTML 3Page - Vishay Siliconix SI7790DP Datasheet HTML 4Page - Vishay Siliconix SI7790DP Datasheet HTML 5Page - Vishay Siliconix SI7790DP Datasheet HTML 6Page - Vishay Siliconix SI7790DP Datasheet HTML 7Page - Vishay Siliconix SI7790DP Datasheet HTML 8Page - Vishay Siliconix SI7790DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68664
S-81217-Rev. A, 02-Jun-08
Vishay Siliconix
Si7790DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
43
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.0
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.2
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 15 A
0.0036
0.0045
Ω
VGS = 4.5 V, ID = 10 A
0.0048
0.006
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
65
S
Dynamicb
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
4200
pF
Output Capacitance
Coss
475
Reverse Transfer Capacitance
Crss
225
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 10 A
62
95
nC
VDS = 20 V, VGS = 4.5 V, ID = 10 A
29
44
Gate-Source Charge
Qgs
12
Gate-Drain Charge
Qgd
9
Gate Resistance
Rg
f = 1 MHz
0.2
1.0
2.0
Ω
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
42
70
ns
Rise Time
tr
34
60
Turn-Off Delay Time
td(off)
45
75
Fall Time
tf
28
45
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
14
25
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
35
60
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
50
A
Pulse Diode Forward Currenta
ISM
70
Body Diode Voltage
VSD
IS = 3 A
0.72
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
31
50
ns
Body Diode Reverse Recovery Charge
Qrr
31
50
nC
Reverse Recovery Fall Time
ta
18
ns
Reverse Recovery Rise Time
tb
13


Similar Part No. - SI7790DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7792DP VISHAY-SI7792DP Datasheet
510Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-May-11
SI7792DP-T1-GE3 VISHAY-SI7792DP-T1-GE3 Datasheet
510Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-May-11
SI7794DP VISHAY-SI7794DP Datasheet
511Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 13-Jun-11
SI7794DP-T1-GE3 VISHAY-SI7794DP-T1-GE3 Datasheet
511Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 13-Jun-11
More results

Similar Description - SI7790DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com