Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT312D-32L1C Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT312D-32L1C
Description  USB Android Host IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT312D-32L1C Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT312D-32L1C Datasheet HTML 6Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 7Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 8Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 9Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 10Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 11Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 12Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 13Page - Future Technology Devices International Ltd. FT312D-32L1C Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Copyright © 2013 Future Technology Devices International Limited
10
DS_FT312D USB ANDROID HOST IC Datasheet
Version 1.1
Document No.: FT_000816 Clearance No.: FTDI# 331
5 UART Interface
The interface implements a standard asynchronous serial UART port with flow control, for example
RS232/422/485. The UART can support baud rates from 300 to 921600 with RTS/CTS flow control. The
UART can support baud rates from 300 to 115200 with no flow control.
Data transfer uses NRZ (Non-Return to Zero) data format consisting of 1 start bit, 7 or 8 data bits, an
optional parity bit, and one or two stop bits. When transmitting the data bits, the least significant bit is
transmitted first. Transmit and receive waveforms are illustrated in Figure 5-1 and Figure 5-2:
Figure 5-1 UART Receive Waveform
Figure 5-2 UART Transmit Waveform
Baud rate (default =9600 baud), flow control settings (default = None), number of data bits (default=8),
parity (default is no parity) and number of stop bits (default=1) are all configurable from the Android
application. Please refer to ftdichip document number FT_000532 for further details.
http://www.ftdichip.com
TX_ACTIVE is transmit enable, this output may be used in RS485 designs to enable the line driver for
transmit mode.
UART RX buffer size is 5512 bytes and UART TX buffer size is 256 bytes.
Note: UART software flow control with XON/XOFF is not supported
UART hardware flow control with DTR/DSR is not supported
Note:
The FT312D has to enumerate the Android device before receiving data from the UART device.
This can be implemented by disconnecting the UART TXD signal of external UART device connected to the
FT312D RXD signal until after the FT312D has established the USB link with Android device.
The connection sequence should be:
1. Connect FT312D to Android and complete enumeration.
2. Connect the TXD of UART device to FT312D’s RXD then start to receive data.
There are two methods to implement this function:
1.When FT312D connects to the Android device and enumeration is completed, the USB_ERROR# will
become Logic 0 (default Logic 1). This signal can be used to control the TTL gate (74LVC2G241,
74LVC1G125 or others) ON/OFF such that the TXD/RXD lines are connected/disconnected.


Similar Part No. - FT312D-32L1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT312D-32L1C ETC1-FT312D-32L1C Datasheet
701Kb / 25P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT312D-32L1C FTDI-FT312D-32L1C Datasheet
757Kb / 27P
   USB Android Host IC
FT312D-32L1C-X FTDI-FT312D-32L1C-X Datasheet
757Kb / 27P
   Future Technology Devices International Ltd.
Nov 2013
More results

Similar Description - FT312D-32L1C

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
   USB Android Host IC
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
   USB Android Host IC
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
   USB Android Host IC
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
   USB Android Host Chip
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com