Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHB28N60EF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHB28N60EF
Description  EF Series Power MOSFET with Fast Body Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB28N60EF Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHB28N60EF Datasheet HTML 1Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 2Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 3Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 4Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 5Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 6Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 7Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 8Page - Vishay Siliconix SIHB28N60EF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiHB28N60EF
www.vishay.com
Vishay Siliconix
S17-0294-Rev. C, 27-Feb-17
2
Document Number: 91601
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDS
b. Coss(tr) is a fixed capacitance that gives the charging time as Coss while VDS is rising from 0 % to 80 % VDS
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-0.5
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
600
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.76
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
VGS = ± 30 V
-
-
± 1
μA
Zero Gate Voltage Drain Current
IDSS
VDS = 480 V, VGS = 0 V
-
-
1
μA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
2
mA
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 14 A
-
0.107
0.123
Forward Transconductance
gfs
VDS = 30 V, ID = 14 A
-
9.7
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
2714
-
pF
Output Capacitance
Coss
-
123
-
Reverse Transfer Capacitance
Crss
-6
-
Effective output capacitance, energy
related a
Co(er)
VGS = 0 V, VDS = 0 V to 480 V
-98
-
Effective output capacitance, time
related b
Co(tr)
-
356
-
Total Gate Charge
Qg
VGS = 10 V
ID = 14 A, VDS = 480 V
-
80
120
nC
Gate-Source Charge
Qgs
-17
-
Gate-Drain Charge
Qgd
-33
-
Turn-On Delay Time
td(on)
VDD = 480 V, ID = 14 A
Rg = 9.1 , VGS = 10 V
-24
48
ns
Rise Time
tr
-40
80
Turn-Off Delay Time
td(off)
-
82
123
Fall Time
tf
-39
78
Gate Input Resistance
Rg
f = 1 MHz, open drain
0.2
0.5
1.0
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
28
A
Pulsed Diode Forward Current
ISM
--
70
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 11 A, VGS = 0 V
-
0.9
1.2
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 14 A,
dI/dt = 100 A/μs, VR = 400 V
-
142
284
ns
Reverse Recovery Charge
Qrr
-
0.97
1.94
μC
Reverse Recovery Current
IRRM
-
13.2
-
A
S
D
G


Similar Part No. - SIHB28N60EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB28N60EF-GE3 VISHAY-SIHB28N60EF-GE3 Datasheet
203Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB28N60EF-T1-GE3 VISHAY-SIHB28N60EF-T1-GE3 Datasheet
203Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB28N60EF-T5-GE3 VISHAY-SIHB28N60EF-T5-GE3 Datasheet
203Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB28N60EF VISHAY-SIHB28N60EF_V01 Datasheet
203Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

Similar Description - SIHB28N60EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHG70N60EF VISHAY-SIHG70N60EF Datasheet
203Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHP28N60EF VISHAY-SIHP28N60EF Datasheet
293Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHW47N60EF VISHAY-SIHW47N60EF Datasheet
172Kb / 7P
   EF Series Power MOSFET with Fast Body Diode
Rev. F, 27-Feb-17
SIHB33N60EF VISHAY-SIHB33N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB055N60EF VISHAY-SIHB055N60EF Datasheet
196Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA21N80AEF VISHAY-SIHA21N80AEF Datasheet
157Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA105N60EF VISHAY-SIHA105N60EF Datasheet
166Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHB21N60EF VISHAY-SIHB21N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB35N60EF VISHAY-SIHB35N60EF Datasheet
192Kb / 10P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP33N60EF VISHAY-SIHP33N60EF_V01 Datasheet
295Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHB068N60EF VISHAY-SIHB068N60EF Datasheet
207Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com