Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC501 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC501
Description  TO-8 CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC501 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC501 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC501 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
F R E Q U E N C Y - M H z
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature Vcc = 15
Noise Figure
0 . 0
- 1 . 0
- 2 . 0
- 3 . 0
- 4 . 0
Power Output at 1 dB Compression
3 0
2 5
2 0
1 5
1 0
5
0
Intercept Point
F R E Q U E N C Y - M H z
F R E Q U E N C Y - M H z
F R E Q U E N C Y - M H z
4 . 0
3 . 0
2 . 0
1 . 0
0 . 0
1 7 . 0
1 6 . 0
1 5 . 0
1 4 . 0
1 3 . 0
2 n d H A R
I P 3
I P 2
Model: AC501
Vcc=+15V
Icc=10.01
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.38
1.29
16.21
-177
-20.40
10
1.38
1.28
16.21
179
1.90
-20.30
30
1.37
1.27
16.17
172
1.00
-20.40
50
1.35
1.28
16.16
166
0.80
-20.40
100
1.31
1.27
16.10
152
0.80
-20.40
200
1.20
1.22
16.05
123
0.80
-20.30
300
1.05
1.15
15.95
93
0.82
-19.90
400
1.13
1.01
15.80
62
0.86
-20.00
500
1.30
1.18
15.38
30
0.89
-19.80
600
1.42
1.58
14.83
-3
0.94
-19.20
LINEAR S-PARAMETERS
Model: AC501
Vcc=+15V
Icc=10.01
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.16
-171.70
6.46
-177.40
0.10
5.10
0.13
-172.50
10
0.16
-177.40
6.46
179.20
0.10
1.40
0.12
-179.90
30
0.15
174.70
6.44
171.80
0.10
-2.00
0.12
170.90
50
0.15
169.90
6.43
166.00
0.10
-4.40
0.12
162.10
100
0.13
158.20
6.38
151.60
0.10
-9.80
0.12
145.10
200
0.09
136.40
6.35
122.80
0.10
-21.10
0.10
108.80
300
0.02
80.50
6.28
93.30
0.10
-31.80
0.07
74.60
400
0.06
-49.00
6.17
62.40
0.10
-42.70
0.01
34.10
500
0.13
-74.20
5.88
30.40
0.10
-55.90
0.08
-163.80
600
0.17
-85.30
5.51
-3.30
0.11
-67.50
0.22
162.90
AC501


Similar Part No. - AC501

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC50 ALLIED-AC50 Datasheet
782Kb / 1P
   Axial Coated Inductors
AC50-100K-RC ALLIED-AC50-100K-RC Datasheet
784Kb / 1P
   Axial Coated Inductors
AC50-100K-RC ALLIED-AC50-100K-RC Datasheet
782Kb / 1P
   Axial Coated Inductors
AC50-102K-RC ALLIED-AC50-102K-RC Datasheet
784Kb / 1P
   Axial Coated Inductors
AC50-102K-RC ALLIED-AC50-102K-RC Datasheet
782Kb / 1P
   Axial Coated Inductors
More results

Similar Description - AC501

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC457 TELEDYNE-AC457 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC509 TELEDYNE-AC509 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC453 TELEDYNE-AC453 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC513 TELEDYNE-AC513 Datasheet
173Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC534 TELEDYNE-AC534 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2348 TELEDYNE-AC2348 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC548 TELEDYNE-AC548 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2205 TELEDYNE-AC2205 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AP108 TELEDYNE-AP108 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC437 TELEDYNE-AC437 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC557 TELEDYNE-AC557 Datasheet
174Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com