Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC505 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC505
Description  TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC505 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC505 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC505 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC505/AC555
F REQUENCY - MHz
Gain vs Temperature AC505
Gain vs Temperature AC555
Noise Figure
KEY: +25 ° C
+85 ° C
-55 ° C
14.0
12.0
10.0
8.0
6.0
Power Output at 1 dB Compression
60
50
40
30
20
10
Intercept Point AC505
60
50
40
30
20
Intercept Point AC555
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
4.0
3.5
3.0
2.5
16.0
15.0
14.0
13.0
AC505
AC555
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
16.0
15.0
14.0
13.0
1
10
30
50
100
200
300
400
500
600
1
10
30
50
100
200
300
400
500
600
1
10
30
50
100
200
300
400
500
600
1
10
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
AC505
AC555
Model: AC505
Vcc=+15V
Icc=24.36
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.24
1.26
15.0
-19.7
5
1.10
1.11
15.0
-19.9
10
1.08
1.08
15.0
1.492
-19.9
50
1.10
1.07
14.9
0.619
-19.9
100
1.13
1.06
14.8
0.620
-20.0
200
1.21
1.07
14.8
0.611
-20.0
300
1.27
1.16
14.8
0.626
-19.9
400
1.29
1.27
14.8
0.636
-19.8
500
1.25
1.44
14.9
0.680
-19.7
600
1.16
1.67
14.9
0.686
-19.5
LINEAR S-PARAMETERS
Model: AC505
Vcc=+15V
Icc=24.36
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.33
0.11
-66.5
5.65
-171.1
0.104
-7.0
0.12
-103.3
1
0.05
-39.7
5.62
-177.8
0.101
-3.0
0.05
-135.8
10
0.04
-14.1
5.59
177.5
0.101
-1.0
0.04
-176.6
50
0.05
-31.6
5.55
168.5
0.101
-5.0
0.03
-178.6
100
0.06
-59.8
5.53
157.3
0.100
-10.0
0.03
-170.0
200
0.09
-94.3
5.47
135.2
0.100
-20.0
0.03
-126.6
300
0.12
-119.5
5.50
112.6
0.101
-30.0
0.07
-114.5
400
0.13
-143.0
5.52
89.9
0.102
-41.0
0.12
-121.6
500
0.11
-167.5
5.56
65.5
0.104
-52.0
0.18
-135.4
600
0.07
157.8
5.56
40.4
0.106
-63.0
0.25
-153.3
700
0.04
50.9
5.46
13.3
0.109
-76.0
0.33
-173.
Model: AC505
Vcc=+12V
Icc=19.63
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.25
1.26
14.8
-19.6
1
1.13
1.09
14.8
-19.7
10
1.12
1.05
14.7
1.519
-19.8
50
1.14
1.04
14.7
0.631
-19.8
100
1.15
1.04
14.6
0.632
-19.8
200
1.25
1.09
14.5
0.615
-19.8
300
1.34
1.20
14.6
0.641
-19.7
400
1.35
1.33
14.5
0.644
-19.6
500
1.29
1.52
14.6
0.675
-19.4
600
1.19
1.78
14.6
0.699
-19.1
Model: AC555
Vcc=+15V
Icc=32.93
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.27
1.41
15.3
-20.2
1.0
1.09
1.28
15.2
-20.4
10
1.03
1.27
15.1
1.443
-20.5
50
1.06
1.26
15.1
0.652
-20.5
100
1.12
1.25
15.0
0.564
-20.5
200
1.20
1.23
15.0
0.605
-20.5
300
1.27
1.19
14.9
0.618
-20.4
400
1.28
1.16
14.8
0.600
-20.1
500
1.27
1.20
14.8
0.628
-19.8
600
1.29
1.33
14.7
0.664
-19.4
Model: AC555
Vcc=+12V
Icc=26.48
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.26
1.39
15.1
-20.0
1.0
1.07
1.25
15.0
-20.3
10
1.02
1.24
15.0
1.453
-20.3
50
1.04
1.23
14.9
0.661
-20.4
100
1.11
1.23
14.8
0.574
-20.4
200
1.22
1.21
14.8
0.612
-20.3
300
1.30
1.19
14.7
0.621
-20.1
400
1.32
1.19
14.6
0.612
-19.8
500
1.33
1.26
14.6
0.644
-19.5
600
1.35
1.42
14.5
0.661
-19.1


Similar Part No. - AC505

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC50 ALLIED-AC50 Datasheet
782Kb / 1P
   Axial Coated Inductors
AC50-100K-RC ALLIED-AC50-100K-RC Datasheet
784Kb / 1P
   Axial Coated Inductors
AC50-100K-RC ALLIED-AC50-100K-RC Datasheet
782Kb / 1P
   Axial Coated Inductors
AC50-102K-RC ALLIED-AC50-102K-RC Datasheet
784Kb / 1P
   Axial Coated Inductors
AC50-102K-RC ALLIED-AC50-102K-RC Datasheet
782Kb / 1P
   Axial Coated Inductors
More results

Similar Description - AC505

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC379 TELEDYNE-AC379 Datasheet
191Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC514 TELEDYNE-AC514 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC519 TELEDYNE-AC519 Datasheet
179Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC525 TELEDYNE-AC525 Datasheet
178Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC2023 TELEDYNE-AC2023 Datasheet
162Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC558 TELEDYNE-AC558 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC564 TELEDYNE-AC564 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC542 TELEDYNE-AC542 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC543 TELEDYNE-AC543 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC544 TELEDYNE-AC544 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC541 TELEDYNE-AC541 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com