Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72874GC-YEB Datasheet(PDF) 11 Page - NEC

Part # UPD72874GC-YEB
Description  IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72874GC-YEB Datasheet(HTML) 11 Page - NEC

Back Button UPD72874GC-YEB Datasheet HTML 7Page - NEC UPD72874GC-YEB Datasheet HTML 8Page - NEC UPD72874GC-YEB Datasheet HTML 9Page - NEC UPD72874GC-YEB Datasheet HTML 10Page - NEC UPD72874GC-YEB Datasheet HTML 11Page - NEC UPD72874GC-YEB Datasheet HTML 12Page - NEC UPD72874GC-YEB Datasheet HTML 13Page - NEC UPD72874GC-YEB Datasheet HTML 14Page - NEC UPD72874GC-YEB Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Preliminary Data Sheet S15306EJ2V0DS
11
µµµµPD72874
1.5 Serial ROM Interface Signals: (3 pins)
Name
I/O
Pin No.
IOL
Volts(V)
Function
Block *
GROM_SDA
I/O
116
6 mA
3.3
Serial EEPROM Data Input / Output
Link
GROM_SCL
O
117
6 mA
3.3
Serial EEPROM Clock Output
Link
GROM_EN
I
118
-
3.3
Serial EEPROM Enable
1: GUID Load enable
0: GUID Load disable
Link
Remark *: If the Link pin is pulled up, it should be connected to L_VDD.
1.6 D3cold Wake Up Function Signals: (2 pins)
Name
I/O
Pin No.
IOL
Volts(V)
Function
Block *
D3CSUP
I
114
-
5/3.3
D3cold Support
1: D3cold wake up enable
0: D3cold wake up disable
Link
RSMRST
I
74
-
5/3.3
Resume Reset
D3cold support (114 pin) = ‘1’
As this mode supports D3cold wake up,
RSMRST must connect system RSMRST
signal.
D3cold support (114 pin) = ‘0’
As this mode is the
µPD72872 compatible,
RSMRST clamp to ‘1’.
Link
Remark *: If the Link pin is pulled up, it should be connected to L_VDD.
1.7 IC: (7 pins)
Name
I/O
Pin No.
IOL
Volts(V)
Function
Block *
IC(H)
I
75
-
-
Internally Connected (High clamped)
Link
IC(L)
I
76 to 78, 80, 115
-
-
Internally Connected (Low clamped)
-
IC(N)
-
85
-
-
Internally Connected (Open)
-
Remark *: If the Link pin is pulled up, it should be connected to L_VDD.


Similar Part No. - UPD72874GC-YEB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72874GC-YEB RENESAS-UPD72874GC-YEB Datasheet
409Kb / 42P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD72874GC-YEB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72870 NEC-UPD72870 Datasheet
337Kb / 48P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com