Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC564 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC564
Description  TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC564 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC564 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC564 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AC564/AC566
5 TO 500 MHz
TO-8 CASCADABLE AMPLIFIERS
AC564
AC566
Typical Values
AC564
AC566
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
36.2 dB
32.5 dB
High Reverse Isolation. . . . . . . . . . . . . . . . . . . .
46 dB
40 dB
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . .
2.5 dB
2.8 dB
High Efficiency
High Performance Thin Film
Standard Size TO-8 Package
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
5-600 MHz
5-500 MHz
5-500 MHz
Typical @ 25 °C
AC564
AC566
Second Order Harmonic Intercept Point . . . . .
+41 dBm
+53 dBm
Second Order Two Tone Intercept Point . . . . . .
+35 dBm
+47 dBm
Third Order Two Tone Intercept Point . . . . . . . .
+23 dBm
+30 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
+19 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . .
+6 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature (AC564) . . . . . . . . . . . . . . . . . . . . . .
+105 °C
Burn-in Temperature (AC566) . . . . . . . . . . . . . . . . . . . . . .
+100 °C
Thermal Resistance1 (θjc; AC564) . . . . . . . . . . . . . . . . . . .
+35 °C/Watt
Thermal Resistance1 (θjc; AC566) . . . . . . . . . . . . . . . . . . .
+35 °C/Watt
Junction Temperature Rise Above Case (Tjc; AC564) . .
+26.9 °C
Junction Temperature Rise Above Case (Tjc; AC566) . .
+35.7 °C
1 Thermal resistance is based on total power dissipation.
AS564/AS566
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ AC564 Input SWR is 0.2 higher at 5.0 MHz.
Small Signal Gain (Min.)
AC564
36.2 dB
35.5 dB
35.0 dB
AC566
32.5 dB
32.0 dB
31.5 dB
Gain Flatness (Max.)
±0.35 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
AC564
2.5 dB
3.5 dB
4.0 dB
AC566
2.8 dB
3.5 dB
4.0 dB
SWR (Max.)
Input/Output
1.4:1^
1.7:1^
1.8:1^
Power Output (Min.)
@ 1dB comp.
AC564
+11.5 dBm
+10.5 dBm
+10.0 dBm
AC566
+16.0 dBm
+15.0 dBm
+14.5 dBm
Reverse Isolation
AC564
46.0 dB
——
AC566
40.0 dB
——
DC Current (Max.)
AC564
48.0 mA
51.0 mA
54.0 mA
AC566
65.0 mA
68.0 mA
71.0 mA


Similar Part No. - AC564

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AC5601 LEIDITECH-AC5601 Datasheet
282Kb / 3P
   AC integral non-air source ion bar
AC5602 LEIDITECH-AC5602 Datasheet
484Kb / 3P
   AC integral non-air source ion bar
logo
Teledyne Technologies I...
AC566 TELEDYNE-AC566 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
More results

Similar Description - AC564

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC379 TELEDYNE-AC379 Datasheet
191Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC514 TELEDYNE-AC514 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC519 TELEDYNE-AC519 Datasheet
179Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC525 TELEDYNE-AC525 Datasheet
178Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC2023 TELEDYNE-AC2023 Datasheet
162Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC558 TELEDYNE-AC558 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC542 TELEDYNE-AC542 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC543 TELEDYNE-AC543 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC544 TELEDYNE-AC544 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC541 TELEDYNE-AC541 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com