Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83877ATD Datasheet(PDF) 11 Page - Winbond

Part # W83877ATD
Description  enhanced version from Winbonds most popular I/O chip W83877F
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83877ATD Datasheet(HTML) 11 Page - Winbond

Back Button W83877ATD Datasheet HTML 7Page - Winbond W83877ATD Datasheet HTML 8Page - Winbond W83877ATD Datasheet HTML 9Page - Winbond W83877ATD Datasheet HTML 10Page - Winbond W83877ATD Datasheet HTML 11Page - Winbond W83877ATD Datasheet HTML 12Page - Winbond W83877ATD Datasheet HTML 13Page - Winbond W83877ATD Datasheet HTML 14Page - Winbond W83877ATD Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
W83877ATF
Publication Release Date: April 1998
- 7 -
Version 0.51
1.1 Host Interface, continued
SYMBOL
PIN
I/O
FUNCTION
IRQ_H
91
OUT12t
Interrupt request signal H.
IRSL2
OUT12t
IR module mode selection 2.
DACK_D
INts
DMA acknowledge signal D.
SERIRQ
OUT12t
Serial Interrupt output, when the function of the serial IRQ is set
to logic 1 defined in the CR31.bit2 (IRQMODS).
CLKIN
7
INt
24MHz/48MHZ clock input. CLKINSEL bit in CR2C register
should be correctly reset/set according to the input frequency.
SMI
8
OUT12t
For the power management, the SMI is and active low by the
power management events, that generate an nSCI in ACPI
mode.
1.2 Serial Port Interface
SYMBOL
PIN
I/O
FUNCTION
CTSA
34
INt
Clear To Send is the modem control input.
CTSB
47
INt
Clear To Send is the modem control input.
A12
INt
System address bus bit 12, when 16-bit address decoder is
selected, that is, nEN16SA (CR16.bit6) is set to logic 0.
DSRA
33
INt
Data Set Ready. An active low indicates the modem or data set
is ready to establish a communication link and transfer data to
the UART.
DSRB
48
INt
Data Set Ready. An active low indicates the modem or data set
is ready to establish a communication link and transfer data to
the UART.
A13
INt
System address bus bit 13, when 16-bit address decoder is
selected.
DCDA
32
INt
Data Carrier Detect. An active low indicates the modem or data
set has detected a data carrier.
DCDB
49
INt
Data Carrier Detect. An active low indicates the modem or data
set has detected a data carrier.
A14
INt
System address bus bit 14, when 16-bit address decoder is
selected.
RIA
31
INt
Ring Indicator. An active low indicates that a ring signal is being
received by the modem or data set.


Similar Part No. - W83877ATD

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877 WINBOND-W83877 Datasheet
1Mb / 125P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TD WINBOND-W83877TD Datasheet
821Kb / 154P
   I/O chip disk drive adapter
W83877TD WINBOND-W83877TD Datasheet
968Kb / 154P
   WINBOND I/O
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
   I/O chip disk drive adapter
More results

Similar Description - W83877ATD

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627EHF WINBOND-W83627EHF Datasheet
948Kb / 141P
   evolving product from Winbonds most popular I/O family
logo
Picker Components
PCT91XL PICKER-PCT91XL Datasheet
574Kb / 3P
   Most Popular Power PCB Relay
PCT90XL PICKER-PCT90XL Datasheet
544Kb / 3P
   Most Popular Power PCB Relay
logo
Holtek Semiconductor In...
HT68F13 HOLTEK-HT68F13 Datasheet
2Mb / 161P
   Enhanced I/O Flash Type MCU
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
   Enhanced I/O Flash Type MCU
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
   Enhanced I/O Type MCU with OPA
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
   Enhanced I/O 8-Bit OTP MCU
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
   Dynamically Reconfigurable FPAA With Enhanced I/O
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com