Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4215 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC4215
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC4215 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SC4215 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC4215 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC4215 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
2SC4215
F041
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
4
V
Collector cut-off current
ICBO
VCB=40V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.5
μA
DC current gain
hFE
VCE=6V,IC=1mA
40
200
Collector-base time constant
CC.rbb
VCE=6V,IC=1mA
25
ps
Transition frequency
fT
VCE=6V, IE= 1mA
260
550
MHz
CLASSIFICANTION OF hFE
Marking
QR
QO
QY
hFE
40-80
70-140
100-200
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4215 TOSHIBA-2SC4215 Datasheet
172Kb / 4P
   NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY FM, RF, MIX, IF AMPLIFIERAPPLICATIONS)
2SC4215 TOSHIBA-2SC4215 Datasheet
519Kb / 5P
   Silicon NPN Epitaxial Planar Type High Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SC4215 KEXIN-2SC4215 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial
logo
Weitron Technology
2SC4215 WEITRON-2SC4215 Datasheet
604Kb / 4P
   NPN Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com