Electronic Components Datasheet Search |
|
2220WC223M-4Z1A Datasheet(PDF) 1 Page - AVX Corporation |
|
2220WC223M-4Z1A Datasheet(HTML) 1 Page - AVX Corporation |
1 / 2 page 062216 105 Notes: Capacitors with X7R dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal. Please contact AVX for recommendations. High Voltage MLC Chip Capacitors For 600V to 3000V Automotive Applications – AEC-Q200 HOW TO ORDER X7R DIELECTRIC PERFORMANCE CHARACTERISTICS Modern automotive electronics could require components capable to work with high voltage (e.g. xenon lamp circuits or power converters in hybrid cars). AVX offer high voltage ceramic capacitors qualified according to AEC-Q200 standard. High value, low leakage and small size are difficult parameters to obtain in capacitors for high voltage systems. AVX special high voltage MLC chip capacitors meet these performance characteristics and are designed for applications such as snubbers in high frequency power converters, resonators in SMPS, and high voltage coupling / dc blocking. These high voltage chip designs exhibit low ESRs at high frequencies. Due to high voltage nature, larger physical dimensions are necessary. These larger sizes require special precautions to be taken in applying of MLC chips. The temperature gradient during heating or cooling cycles should not exceed 4ºC per second. The preheat temperature must be within 50ºC of the peak temperature reached by the ceramic bodies through the soldering process. Chip sizes 1210 and larger should be reflow soldered only. Capacitors may require protective surface coating to prevent external arcing. To improve mechanical and thermal resistance, AVX recommend to use flexible terminations system - FLEXITERM®. *AVX offers nonstandard case sizes. Contact factory for details. 1210 AVX Style 1206 1210 1808 1812 2220 C Voltage C = 630V A = 1000V S = 1500V G = 2000V W = 2500V H = 3000V C Dielectric C = X7R 223 Capacitance Code (2 significant digits + no. of zeros) e.g. 103 = 10nF (223 = 22nF) K Capacitance Tolerance J = ±5% K = ±10% M = ±20% 4 Failure Rate 4 = Automotive T Termination T = Plated Ni/Sn Z = FLEXITERM® 1 Packaging 1 or 2 = 7" Reel 3 or 4 = 13" Reel A Special Code A = Standard Parameter/Test Specification Limits Measuring Conditions Operating Temperature Range -55°C to +125°C Temperature Cycle Chamber Capacitance within specified tolerance Freq.: 1kHz ±10% Dissipation Factor 2.5% max. Voltage: 1.0Vrm s ±0.2Vrms Capacitance Tolerance ±5% (J), ±10% (K), ±20% (M) T = +25°C, V = 0Vdc Temperature Characteristics X7R = ±15% Vdc = 0V, T = (-55°C to +125°C) 100GΩ min. or 1000MΩ • μF min. (whichever is less) T = +25°C, V = 500Vdc Insulation Resistance 10GΩ min. or 100MΩ • μF min. (whichever is less) T = +125°C, V = 500Vdc (t ≥ 120 sec, I ≤ 50mA) Dielectric Strength No breakdown or visual defect 120% of rated voltage t ≤ 5 sec, I ≤ 50mA CHIP DIMENSIONS DESCRIPTION (See capacitance range chart on page 106) L W T tt L = Length W = Width T = Thickness t = Terminal |
Similar Part No. - 2220WC223M-4Z1A |
|
Similar Description - 2220WC223M-4Z1A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |