Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiHF9Z30 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SiHF9Z30
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiHF9Z30 Datasheet(HTML) 4 Page - Vishay Siliconix

  SiHF9Z30 Datasheet HTML 1Page - Vishay Siliconix SiHF9Z30 Datasheet HTML 2Page - Vishay Siliconix SiHF9Z30 Datasheet HTML 3Page - Vishay Siliconix SiHF9Z30 Datasheet HTML 4Page - Vishay Siliconix SiHF9Z30 Datasheet HTML 5Page - Vishay Siliconix SiHF9Z30 Datasheet HTML 6Page - Vishay Siliconix SiHF9Z30 Datasheet HTML 7Page - Vishay Siliconix SiHF9Z30 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF9Z30, SiHF9Z30
www.vishay.com
Vishay Siliconix
S12-3048-Rev. A, 24-Dec-12
4
Document Number: 91459
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Transconductance vs. Drain Current
Fig. 6 - Typical Source-Drain Diode Forward Voltage
Fig. 7 - Breakdown Voltage vs. Temperature
Fig. 8 - Normalized On-Resistance vs. Temperature
80 μs Pulse Test
V
DS = 2 x VGS
T
J = 25 ° C
T
J = 150 °C
04
8
12
20
10
8
6
4
2
0
15
- ID, Drain Current (A)
- VSD, Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
0
2
4
68
10
102
5
2
10
5
2
1
5
2
0.1
TJ, Junction Temperature (°C)
1.25
1.15
0.75
0.85
0.95
1.05
- 60 - 40 - 20 0
20 40 60
80 100 120 140 160
I
D = 1 mA
TJ, Junction Temperature (°C)
3.0
2.4
0.0
0.6
1.2
1.8
- 60 - 40 - 20 0
20
40 60 80 100 120 140 160
I
D = - 18 A
V
GS = - 10 V


Similar Part No. - SiHF9Z30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF9Z30 VISHAY-SIHF9Z30 Datasheet
141Kb / 8P
   Power MOSFET
09-Jul-2021
SIHF9Z30-E3 VISHAY-SIHF9Z30-E3 Datasheet
141Kb / 8P
   Power MOSFET
09-Jul-2021
SIHF9Z30 VISHAY-SIHF9Z30_V01 Datasheet
141Kb / 8P
   Power MOSFET
09-Jul-2021
More results

Similar Description - SiHF9Z30

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com