Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C128-12NL4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27C128-12NL4
Description  131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C128-12NL4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27C128-12NL4 Datasheet HTML 4Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 5Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 6Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 7Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 8Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 9Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 10Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 11Page - Texas Instruments TMS27C128-12NL4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
8
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC Supply voltage
Read mode (see Note 2)
4.5
5
5.5
V
VCC Supply voltage
SNAP! Pulse programming algorithm
6.25
6.5
6.75
V
VPP Supply voltage
Read mode
VCC – 0.6
VCC + 0.6
V
VPP Supply voltage
SNAP! Pulse programming algorithm
12.75
13
13.25
V
VIH
High level dc input voltage
TTL
2
VCC +1
V
VIH
High-level dc input voltage
CMOS
VCC – 0.2
VCC +1
V
VIL
Low level dc input voltage
TTL
– 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
– 0.5
0.2
V
TA
Operating free-air temperature
’27C128-_ _JL,JL4
’27PC128_ _NL,NL4
FML, FML4
0
70
°C
TA
Operating free-air temperature
’27C128-_ _JE,JE4
’27PC128_ _NE,NE4
FME, FME4
–40
70
°C
NOTES:
2. VCC must be applied before or at the same time as VPP and removed after or at the same time as VPP. The device must not be inserted
into or removed from the board when VPP or VCC is applied.
electrical characteristics over full ranges of operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level dc output voltage
IOH = – 2.5 mA
3.5
V
VOH
High-level dc output voltage
IOH = – 20 µA
VCC – 0.1
V
VOL
Low level dc output voltage
IOL = 2.1 mA
0.4
V
VOL
Low-level dc output voltage
IOL = 20 µA
0.1
V
II
Input current (leakage)
VI = 0 to 5.5 V
±1
µA
IO
Output current (leakage)
VO = 0 to VCC
±1
µA
IPP1
VPP supply current
VPP = VCC = 5.5 V
1
10
µA
IPP2
VPP supply current (during program pulse)
VPP = 13 V
35
50
mA
ICC1
VCC supply current (standby)
TTL-input level
VCC = 5.5 V, E = VIH
250
500
µA
ICC1
VCC supply current (standby)
CMOS-input level
VCC = 5.5 V, E = VCC
100
250
µA
VCC = 5.5 V, E = VIL,
ICC2
VCC supply current (active)
tcycle = minimum cycle time,
15
30
mA
outputs open
† Typical values are at TA = 25°C and nominal voltages.
capacitance
over
recommended
ranges
of
supply
voltage
and
operating
free-air
temperature, f = 1 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Ci
Input capacitance
VI = 0, f = 1 MHz
6
10
pF
CO
Output capacitance
VO = 0, f = 1 MHz
10
14
pF
† Typical values are at TA = 25°C and nominal voltages.
Capacitance measurements are made on sample basis only.


Similar Part No. - TMS27C128-12NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C128-120JL TI1-TMS27C128-120JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27C128-12NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com