Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiHF820S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiHF820S
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiHF820S Datasheet(HTML) 3 Page - Vishay Siliconix

  SiHF820S Datasheet HTML 1Page - Vishay Siliconix SiHF820S Datasheet HTML 2Page - Vishay Siliconix SiHF820S Datasheet HTML 3Page - Vishay Siliconix SiHF820S Datasheet HTML 4Page - Vishay Siliconix SiHF820S Datasheet HTML 5Page - Vishay Siliconix SiHF820S Datasheet HTML 6Page - Vishay Siliconix SiHF820S Datasheet HTML 7Page - Vishay Siliconix SiHF820S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF820S, SiHF820S, IRF820L, SiHF820L
www.vishay.com
Vishay Siliconix
S15-1659-Rev. D, 20-Jul-15
3
Document Number: 91060
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
91060_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
100
10-1
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91060_02
4.5 V
20 µs Pulse Width
V
DS = 50 V
100
10-1
VGS, Gate-to-Source Voltage (V)
56
7
8
9
10
4
25
°C
150
°C
91060_03
I
D = 2.1 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91060_04
- 60 - 40 - 20
0
20 40 60 80 100 120 140 160
800
600
400
200
0
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91060_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
04
20
16
12
8
V
DS = 100 V
V
DS = 250 V
For test circuit
see figure 13
V
DS = 400 V
91060_06
I
D = 2.1 A
24


Similar Part No. - SiHF820S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SIHF820S VBSEMI-SIHF820S Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Vishay Siliconix
SIHF820S VISHAY-SIHF820S Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
SIHF820S-GE3 VISHAY-SIHF820S-GE3 Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
SIHF820STRL-GE3A VISHAY-SIHF820STRL-GE3A Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
SIHF820STRR-GE3A VISHAY-SIHF820STRR-GE3A Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SiHF820S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com