Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1011X Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI1011X
Description  P-Channel 12 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1011X Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1011X Datasheet HTML 1Page - Vishay Siliconix SI1011X Datasheet HTML 2Page - Vishay Siliconix SI1011X Datasheet HTML 3Page - Vishay Siliconix SI1011X Datasheet HTML 4Page - Vishay Siliconix SI1011X Datasheet HTML 5Page - Vishay Siliconix SI1011X Datasheet HTML 6Page - Vishay Siliconix SI1011X Datasheet HTML 7Page - Vishay Siliconix SI1011X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
D
3
2
b
1
e1
e
A
C
L
H
E
X
DETAIL X
Package Information
Vishay Siliconix
Document Number: 71377
06-Jul-01
www.vishay.com
1
SC893
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
0.60
0.80
0.024
0.031
b
0.23
0.33
0.009
0.013
C
0.10
0.20
0.004
0.008
D
1.50
1.70
0.059
0.067
E
0.75
0.95
0.030
0.037
e
1.00 BSC
0.040 BSC
e1
0.50 BSC
0.020 BSC
H
1.50
1.70
0.059
0.067
L
0.30
0.50
0.012
0.020
ECN: S-03946—Rev. B, 09-Jul-01
DWG: 5869


Similar Part No. - SI1011X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1011 SILABS-SI1011 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1011 ETC2-SI1011 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1011-A SILABS-SI1011-A Datasheet
986Kb / 2P
   Auto-frequency calibration
SI1011-A-GM SILABS-SI1011-A-GM Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Similar Description - SI1011X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com