Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2392ADS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI2392ADS
Description  N-Channel 100 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2392ADS Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2392ADS Datasheet HTML 1Page - Vishay Siliconix SI2392ADS Datasheet HTML 2Page - Vishay Siliconix SI2392ADS Datasheet HTML 3Page - Vishay Siliconix SI2392ADS Datasheet HTML 4Page - Vishay Siliconix SI2392ADS Datasheet HTML 5Page - Vishay Siliconix SI2392ADS Datasheet HTML 6Page - Vishay Siliconix SI2392ADS Datasheet HTML 7Page - Vishay Siliconix SI2392ADS Datasheet HTML 8Page - Vishay Siliconix SI2392ADS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Si2392ADS
www.vishay.com
Vishay Siliconix
S14-0909-Rev. A, 28-Apr-14
1
Document Number: 62960
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 100 V (D-S) MOSFET
Marking Code: G2
Ordering Information:
Si2392ADS-T1-GE3 (Lead (Pb)-free and Halogen-free)
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• DC/DC converters / boost converters
•Load switch
• LED backlighting in LCD TVs
• Power
management
for
mobile
computing
Notes
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 166 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω) MAX.
ID (A) a
Qg (TYP.)
100
0.126 at VGS = 10 V
3.1
2.9 nC
0.144 at VGS = 6 V
2.9
0.189 at VGS = 4.5 V
2.6
Top View
SOT-23 (TO-236)
1
G
2
S
D
3
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
3.1
A
TC = 70 °C
2.5
TA = 25 °C
2.2 b, c
TA = 70 °C
1.8 b, c
Pulsed Drain Current (t = 300 μs)
IDM
8
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.1
TA = 25 °C
1 b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
3
Single Pulse Avalanche Energy
EAS
0.45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
2.5
W
TC = 70 °C
1.6
TA = 25 °C
1.25 b, c
TA = 70 °C
0.8 b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient b, d
t
≤ 5 s
RthJA
75
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50


Similar Part No. - SI2392ADS

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI2392ADS TFUNK-SI2392ADS Datasheet
257Kb / 10P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI2392ADS VISHAY-SI2392ADS Datasheet
212Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI2392ADS-T1-GE3 VISHAY-SI2392ADS-T1-GE3 Datasheet
212Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI2392ADS VISHAY-SI2392ADS_V01 Datasheet
212Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2392ADS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com