Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C12820NL4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS27C12820NL4
Description  131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C12820NL4 Datasheet(HTML) 1 Page - Texas Instruments

  TMS27C12820NL4 Datasheet HTML 1Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 2Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 3Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 4Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 5Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 6Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 7Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 8Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
Copyright
© 1993, Texas Instruments Incorporated
1
This Data Sheet is Applicable to All
TMS27C128s and TMS27PC128s Symbolized
with Code “B” as Described on Page 12.
Organization... 16K × 8
Single 5-V Power Supply
Pin Compatible With Existing 128K MOS
ROMs, PROMs, and EPROMs
All Inputs/Outputs Fully TTL Compatible
Max Access/Min Cycle Times
VCC ± 10%
’27C128-12
120 ns
’27C/PC128-15
150 ns
’27C/PC128-20
200 ns
’27C/PC128-25
250 ns
Power Saving CMOS Technology
Very High-Speed SNAP! Pulse Programming
3-State Output Buffers
400-mV Minimum DC Noise Immunity With
Standard TTL Loads
Latchup Immunity of 250 mA on All Input
and Output Lines
Low Power Dissipation (V
CC = 5.25 V )
– Active... 158 mW Worst Case
– Standby... 1.4 mW Worst Case
(CMOS Input Levels)
PEP4 Version Available With 168-Hour
Burn-In and Choices of Operating
Temperature Ranges
128K EPROM Available With MIL-STD-883C
Class B High-Reliability Processing
(SMJ27C128)
description
The
TMS27C128
series
are
131 072-bit,
ultraviolet-light
erasable,
electrically
programmable read-only memories.
The TMS27PC128 series are 131 072-bit, one
time
electrically
programmable
read-only
memories.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
PGM
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
J AND N PACKAGES
(TOP VIEW)
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A8
A9
A11
NC
G
A10
E
DQ7
DQ6
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
430
15 16 17 18 19
FM PACKAGE
(TOP VIEW)
20
PIN NOMENCLATURE
A0–A13
Address Inputs
E
Chip Enable/Powerdown
G
Output Enable
GND
Ground
NC
No Connection
NU
Make No External Connection
PGM
Program
DQ0–DQ7
Inputs (programming)/Outputs
VCC
5-V Power Supply
VPP
12-13 V Programming Power Supply
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS27C12820NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C128 TI-TMS27C128 Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI1-TMS27C128 Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-120JL TI1-TMS27C128-120JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-15JE TI1-TMS27C128-15JE Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-15JL TI1-TMS27C128-15JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27C12820NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com