Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3A4ZF104J4Z4A Datasheet(PDF) 1 Page - AVX Corporation

Part # W3A4ZF104J4Z4A
Description  Capacitor Array (IPC)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W3A4ZF104J4Z4A Datasheet(HTML) 1 Page - AVX Corporation

  W3A4ZF104J4Z4A Datasheet HTML 1Page - AVX Corporation W3A4ZF104J4Z4A Datasheet HTML 2Page - AVX Corporation W3A4ZF104J4Z4A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64
Capacitor Array
Capacitor Array (IPC)
AVX capacitor arrays offer designers the opportunity to
lower placement costs, increase assembly line output
through lower component count per board and to reduce
real estate requirements.
Reduced Costs
Placement costs are greatly reduced by effectively placing
one device instead of four or two. This results in increased
throughput and translates into savings on machine time.
Inventory levels are lowered and further savings are made
on solder materials, etc.
Space Saving
Space savings can be quite dramatic when compared to
the use of discrete chip capacitors. As an example, the
0508 4-element array offers a space reduction of >40% vs.
4 x 0402 discrete capacitors and of >70% vs. 4 x 0603
discrete capacitors. (This calculation is dependent on the
spacing of the discrete components.)
Increased Throughput
Assuming that there are 220 passive components placed in a
mobile phone:
A reduction in the passive count to 200 (by replacing
discrete components with arrays) results in an increase in
throughput of approximately 9%.
A reduction of 40 placements increases throughput by 18%.
For high volume users of cap arrays using the very latest
placement equipment capable of placing 10 components per
second, the increase in throughput can be very significant and
can have the overall effect of reducing the number of place-
ment machines required to mount components:
If 120 million 2-element arrays or 40 million 4-element arrays
were placed in a year, the requirement for placement
equipment would be reduced by one machine.
During a 20Hr operational day a machine places 720K
components. Over a working year of 167 days the machine
can place approximately 120 million. If 2-element arrays are
mounted instead of discrete components, then the number
of placements is reduced by a factor of two and in the
scenario where 120 million 2-element arrays are placed there
is a saving of one pick and place machine.
Smaller volume users can also benefit from replacing
discrete components with arrays. The total number of place-
ments is reduced thus creating spare capacity on placement
machines. This in turn generates the opportunity to increase
overall production output without further investment in new
equipment.
W2A (0508) Capacitor Arrays
The 0508 4-element capacitor array gives a PCB space saving of over 40%
vs four 0402 discretes and over 70% vs four 0603 discrete capacitors.
W3A (0612) Capacitor Arrays
The 0612 4-element capacitor array gives a PCB space saving of over 50%
vs four 0603 discretes and over 70% vs four 0805 discrete capacitors.
AREA = 7.0mm2 (0.276 in2)
AREA = 3.95mm2 (0.156 in2)
5.0 (0.197)
1.4
(0.055)
1.0
(0.039)
2.1 (0.083)
1.88
(0.074)
4 pcs 0402 Capacitors
=
1 pc 0508 Array
AREA = 13.8mm2 (0.543 in2)
AREA = 6.4mm2 (0.252 in2)
6.0 (0.236)
2.3
(0.091)
1.5
(0.059)
3.2 (0.126)
2.0
(0.079)
4 pcs 0603 Capacitors
=
1 pc 0612 Array
BENEFITS OF USING CAPACITOR
ARRAYS


Similar Part No. - W3A4ZF104J4Z4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3A41C103MAT2A AVX-W3A41C103MAT2A Datasheet
283Kb / 6P
   BENEFITS OF USING CAPACITOR ARRAYS
W3A45C103MAT2A AVX-W3A45C103MAT2A Datasheet
283Kb / 6P
   Capacitor Array (IPC)
W3A4YC104K4T2A AVX-W3A4YC104K4T2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
More results

Similar Description - W3A4ZF104J4Z4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A43C106MAT2A AVX-W2A43C106MAT2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
W2A4ZC104KAT2A AVX-W2A4ZC104KAT2A Datasheet
283Kb / 6P
   Capacitor Array (IPC)
logo
Kemet Corporation
C1632C10012GAC KEMET-C1632C10012GAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
logo
Murata Manufacturing Co...
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
logo
Panasonic Semiconductor
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
Vishay Siliconix
CRCA12E VISHAY-CRCA12E Datasheet
141Kb / 3P
   Thick Film Array, Resistor/Capacitor
Revision: 15-Jan-07
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
logo
FSP TECHNOLOGY INC.
FSP150-50LE FSP-FSP150-50LE Datasheet
150Kb / 1P
   IPC PSU
FSP200-61DL FSP-FSP200-61DL_15 Datasheet
81Kb / 1P
   IPC PSU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com