Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7302DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7302DN
Description  N-Channel 220-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7302DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7302DN Datasheet HTML 1Page - Vishay Siliconix SI7302DN Datasheet HTML 2Page - Vishay Siliconix SI7302DN Datasheet HTML 3Page - Vishay Siliconix SI7302DN Datasheet HTML 4Page - Vishay Siliconix SI7302DN Datasheet HTML 5Page - Vishay Siliconix SI7302DN Datasheet HTML 6Page - Vishay Siliconix SI7302DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 73306
S-83051-Rev. D, 29-Dec-08
Vishay Siliconix
Si7302DN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
220
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
240
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
7.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
24
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = 20 VGS
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 220 V, VGS = 0 V
1
µA
VDS = 220 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 2.3 A
0.260
0.320
Ω
VGS = 6 V, ID = 2.2 A
0.280
0.340
Forward Transconductancea
gfs
VDS = 15 V, ID = 2.3 A
11
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
645
pF
Output Capacitance
Coss
72
Reverse Transfer Capacitance
Crss
47
Total Gate Charge
Qg
VDS = 110 V, VGS = 10 V, ID = 2.3 A
14
21
VDS = 110 V, VGS = 6 V, ID = 2.3 A
9.1
14
nC
Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
4.2
Gate Resistance
Rg
VGS = 0.1 mV, f = 1 MHz
0.9
1.8
2.7
Ω
Turn-On Delay Time
td(on)
VDD = 110 V, RL = 110 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω
10
15
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
15
25
Drain-Source Body Diode Characteristics TC = 25 °C, unless otherwise noted
Continuous Source-Drain Diode Current
IS
8.4
A
Pulse Diode Forward Current
ISM
10
Body Diode Voltage
VSD
IS = 3.2 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3.2 A, dI/dt = 100 A/µs, TJ = 25 °C
65
100
ns
Body Diode Reverse Recovery Charge
Qrr
163
250
nC
Reverse Recovery Fall Time
ta
45
ns
Reverse Recovery Rise Time
tb
20


Similar Part No. - SI7302DN

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI7300A SANKEN-SI7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
logo
Vishay Siliconix
SI7308DN VISHAY-SI7308DN Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
logo
Vishay Telefunken
SI7308DN TFUNK-SI7308DN Datasheet
532Kb / 13P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7308DN VISHAY-SI7308DN Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7308DN-T1-E3 VISHAY-SI7308DN-T1-E3 Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
More results

Similar Description - SI7302DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SI4862DY VISHAY-SI4862DY Datasheet
44Kb / 4P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com