Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-75-36 Datasheet(PDF) 2 Page - Total Power International

Part # HRP-75-36
Description  75W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HRP-75-36 Datasheet(HTML) 2 Page - Total Power International

  HRP-75-36 Datasheet HTML 1Page - Total Power International HRP-75-36 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.903DUnit:mm
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
3.5
77
32
3-M
3L
=5
4.5
73.5
129
2-
M
3L
=5
120
6.5
5
CN100
SVR1
4
3
2
1
122.5
12max.
20
40
30
60
80
100
RemoteON/OFF(CN100):JST B-XHorequivalent
PinNo.
1
2
Assignment
RC-
RC+
MatingHousing
JST XHP
JST SXH-001T
orequivalent
orequivalent
Terminal
REMOTE
CONTROL
RC+
RC-
H R P - 7 5 series
75WSingleOutputwithPFCFunction
Authorized Distributor: Total Power International, Inc.
Toll Free: 877-646-0900(US)
PH# (978)453-7272
www.total-power.com
DeratingCurve
OutputDeratingVSInputVoltage
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
Ta=25
85
100
125
135
155
264
100
90
80
70
60
50
40
BlockDiagram
O.L.P.
O.T.P.
EMI
INRUSH
ACTIVE
FILTER
CURRENT
LIMITING
RECTIFIERS
&
PFC
I/P
FG
PWM
PFC
POWER
DETECTION
SWITCHING
CIRCUIT
FILTER
&
RECTIFIERS
+V
CONTROL
CONTROL
O.V.P.
-V
-20
0
10
20
30
40
50
60
70
(HORIZONTAL)


Similar Part No. - HRP-75-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-75-36 MEANWELL-HRP-75-36 Datasheet
387Kb / 2P
   75W Single Output with PFC Function
HRP-75-36 MEANWELL-HRP-75-36 Datasheet
390Kb / 2P
   75W Single Output with PFC Function
More results

Similar Description - HRP-75-36

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75 MEANWELL-SP-75_10 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
   75W Single Output with PFC Function
HRP-75-3.3 MEANWELL-HRP-75-3.3 Datasheet
387Kb / 2P
   75W Single Output with PFC Function
SP-75 MEANWELL-SP-75 Datasheet
261Kb / 2P
   75W Single Output with PFC Function
SP-75_1109 MEANWELL-SP-75_1109 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
RSP-75 MEANWELL-RSP-75 Datasheet
147Kb / 2P
   75W Single Output with PFC Function
HRP-75 MEANWELL-HRP-75_11 Datasheet
390Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com