Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7370ADP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7370ADP
Description  N-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7370ADP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7370ADP Datasheet HTML 1Page - Vishay Siliconix SI7370ADP Datasheet HTML 2Page - Vishay Siliconix SI7370ADP Datasheet HTML 3Page - Vishay Siliconix SI7370ADP Datasheet HTML 4Page - Vishay Siliconix SI7370ADP Datasheet HTML 5Page - Vishay Siliconix SI7370ADP Datasheet HTML 6Page - Vishay Siliconix SI7370ADP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 68746
S-81472-Rev. A, 23-Jun-08
www.vishay.com
3
Vishay Siliconix
Si7370ADP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
VGS =10thru 5 V
VGS =4 V
0.000
0.005
0.010
0.015
0.020
0
204060
80
100
ID - Drain Current (A)
VGS =10 V
VGS =6 V
0
2
4
6
8
10
0
10203040
50
Qg - Total Gate Charge (nC)
ID =12A
VDS =45 V
VDS =15 V
VDS =30 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0123
456
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
1000
2000
3000
4000
0
1530
4560
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =4.5 V
ID =12A
VGS =10 V


Similar Part No. - SI7370ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7370DP VISHAY-SI7370DP Datasheet
56Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 05-Jul-04
logo
Vishay Telefunken
SI7370DP TFUNK-SI7370DP Datasheet
302Kb / 12P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7370DP-T1 VISHAY-SI7370DP-T1 Datasheet
56Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 05-Jul-04
SI7370DP-T1-E3 VISHAY-SI7370DP-T1-E3 Datasheet
56Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 05-Jul-04
SI7370DP-T1-E3 VISHAY-SI7370DP-T1-E3 Datasheet
367Kb / 12P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7370ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com